전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7873ACP 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD7873ACP
상세설명  Touch Screen Digitizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7873ACP 데이터시트(HTML) 1 Page - Analog Devices

  AD7873ACP Datasheet HTML 1Page - Analog Devices AD7873ACP Datasheet HTML 2Page - Analog Devices AD7873ACP Datasheet HTML 3Page - Analog Devices AD7873ACP Datasheet HTML 4Page - Analog Devices AD7873ACP Datasheet HTML 5Page - Analog Devices AD7873ACP Datasheet HTML 6Page - Analog Devices AD7873ACP Datasheet HTML 7Page - Analog Devices AD7873ACP Datasheet HTML 8Page - Analog Devices AD7873ACP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Touch Screen Digitizer
AD7873
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
4-wire touch screen interface
On-chip temperature sensor: −40°C to +85°C
On-chip 2.5 V reference
Direct battery measurement (0 V to 6 V)
Touch-pressure measurement
Specified throughput rate of 125 kSPS
Single supply, VCC of 2.2 V to 5.25 V
Ratiometric conversion
High speed serial interface
Programmable 8-bit or 12-bit resolution
One auxiliary analog input
Shutdown mode: 1 µA max
16-lead QSOP, TSSOP, and LFCSP packages
APPLICATIONS
Personal digital assistants
Smart hand-held devices
Touch screen monitors
Point-of-sale terminals
Pagers
GENERAL DESCRIPTION
The AD7873 is a 12-bit successive approximation ADC with a
synchronous serial interface and low on resistance switches for
driving touch screens. The AD7873 operates from a single 2.2 V
to 5.25 V power supply and features throughput rates greater
than 125 kSPS.
The AD7873 features direct battery measurement, temperature
measurement, and touch-pressure measurement. The AD7873
also has an on-board reference of 2.5 V that can be used for the
auxiliary input, battery monitor, and temperature measurement
modes. When not in use, the internal reference can be shut
down to conserve power. An external reference can also be
applied and can be varied from 1 V to VCC, while the analog
input range is from 0 V to VREF. The device includes a shutdown
mode that reduces the current consumption to less than 1 µA.
The AD7873 features on-board switches. This, coupled with low
power and high speed operation, makes the device ideal for
battery-powered systems such as personal digital assistants with
resistive touch screens and other portable equipment. The part
is available in a 16-lead 0.15" quarter size outline package
(QSOP), a 16-lead thin shrink small outline package (TSSOP),
and a 16-lead lead frame chip scale package (LFCSP).
FUNCTIONAL BLOCK DIAGRAM
AD7873
+VCC
+VCC
PENIRQ
SPORT
DIN
CS
DOUT
DCLK
BUSY
PEN
INTERRUPT
CHARGE
REDISTRIBUTION
DAC
SAR + ADC
CONTROL LOGIC
6-TO-1
I/P
MUX
T/H
COMP
GND
TEMP
SENSOR
BATTERY
MONITOR
Y+
Y–
AUX
2.5V
REF
X+
X–
VREF
VBAT
BUF
Figure 1.
PRODUCT HIGHLIGHTS
1.
Ratiometric conversion mode available, eliminating errors
due to on-board switch resistances.
2.
On-board temperature sensor: −40°C to +85°C.
3.
Battery monitor input.
4.
Touch-pressure measurement capability.
5.
Low power consumption of 1.37 mW max with the
reference off, or 2.41 mW typ with the reference on, at
125 kSPS and VCC at 3.6 V.
6.
Package options include 4 mm × 4 mm LFCSP.
7.
Analog input range from 0 V to VREF.
8.
Versatile serial I/O ports.


유사한 부품 번호 - AD7873ACP

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873ACPZ AD-AD7873ACPZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873ACPZ AD-AD7873ACPZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACPZ AD-AD7873ACPZ Datasheet
480Kb / 29P
   Touch Screen Digitizer
AD7873ACPZ-REEL AD-AD7873ACPZ-REEL Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
More results

유사한 설명 - AD7873ACP

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7843 AD-AD7843 Datasheet
194Kb / 16P
   Touch Screen Digitizer
REV. 0
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7843 AD-AD7843_17 Datasheet
304Kb / 21P
   Touch Screen Digitizer
AD7843 AD-AD7843_15 Datasheet
480Kb / 21P
   Touch Screen Digitizer
REV. B
AD7843ARUZ AD-AD7843ARUZ Datasheet
440Kb / 21P
   Touch Screen Digitizer
REV. B
AD7873 AD-AD7873_17 Datasheet
480Kb / 29P
   Touch Screen Digitizer
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com