전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M9381A 데이터시트(PDF) 6 Page - Keysight Technologies

부품명 M9381A
상세설명  PXIe Vector Signal Generator
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

M9381A 데이터시트(HTML) 6 Page - Keysight Technologies

Back Button M9381A Datasheet HTML 2Page - Keysight Technologies M9381A Datasheet HTML 3Page - Keysight Technologies M9381A Datasheet HTML 4Page - Keysight Technologies M9381A Datasheet HTML 5Page - Keysight Technologies M9381A Datasheet HTML 6Page - Keysight Technologies M9381A Datasheet HTML 7Page - Keysight Technologies M9381A Datasheet HTML 8Page - Keysight Technologies M9381A Datasheet HTML 9Page - Keysight Technologies M9381A Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
06 | Keysight | M9381A PXIe Vector Signal Generator – Data Sheet
Technical Specifications and Characteristics
Frequency
Frequency range
Option F03
1 MHz to 3 GHz
Option F06
1 MHz to 6 GHz
Resolution
0.01 Hz
Frequency switching speed
Standard, nominal
Option UNZ, nominal
List mode switching speed 1
Normal loop bandwidth
Narrow loop bandwidth
Baseband frequency offset change 2
≤ 5 ms
≤ 10 µs
≤ 10 μs
ALC off 3
Arbitrary frequency change
≤ 5 ms
≤ 185 μs
≤ 240 μs
Frequency change < 100 MHz within a band 4
≤ 5 ms
≤ 115 μs
≤ 120 μs
ALC on 3
Arbitrary frequency change
≤ 5 ms
≤ 365 µs
≤ 365 µs
Frequency change < 100 MHz within a band 4
≤ 5 ms
≤ 265 µs
≤ 265 µs
Non-list mode switching speed 5
Baseband frequency offset change 2
≤ 5 ms
≤ 250 µs
≤ 250 µs
Arbitrary frequency change
≤ 5 ms
≤ 2 ms
≤ 2.1 ms
List mode
List mode channel parameters
80 parameters including RF frequency, power, modulation arb and baseband, ALC, power search, triggers
Dwell time
0 to 429 seconds
Number of points
1 to 3201
Triggering
Immediate, external, software, timer
1. Time from trigger input to frequency and amplitude settled within limits given below with digital modulation on and channel corrections enabled.
Specifications are for amplitudes lower than +17 dBm and using an M9036A embedded controller in an M9018A chassis.
2 . Baseband offset frequency settled within 100 Hz. Baseband offset can be adjusted ± from carrier frequency within limits determined by RF
modulation bandwidth. Synthesizer frequency and amplitude are not changing and ALC off.
3 . Carrier frequency settled within 1 ppm or 1 kHz, whichever is greater, and amplitude settled within 0.2 dB (within the controlled temperature range) or
within 0.5 dB (at the full temperature range). For frequency changes ≥ 1.6 GHz at carriers ≥ 3.2 GHz nominal frequency settling time within
± 0.05% of final frequency is 125 µs. Simultaneous carrier frequency and amplitude switching.
4 . Frequency bands: One (1 to 400 MHz); Two (> 400 to < 750 MHz); Three (≥ 750 to < 1500 MHz); Four (≥ 1500 to < 3000 MHz);
Five (≥ 3000 to 6000 MHz).
5 . Mean time from IVI command to carrier frequency settled within 1 ppm or 1 kHz whichever is greater and amplitude settled within 0.2 dB.
Simultaneous carrier frequency and amplitude switching.


유사한 부품 번호 - M9381A

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 17P
   M9380A PXIe CW Source
M9381A KEYSIGHT-M9381A Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9381A KEYSIGHT-M9381A Datasheet
1Mb / 10P
   M9300A PXIe Frequency Reference
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
More results

유사한 설명 - M9381A

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
M9381A KEYSIGHT-M9381A_17 Datasheet
2Mb / 29P
   M9381A PXIe Vector Signal Generator
M9391A KEYSIGHT-M9391A_17 Datasheet
1Mb / 30P
   M9391A PXIe Vector Signal Analyzer
M9391A KEYSIGHT-M9391A Datasheet
1Mb / 28P
   M9391A PXIe Vector Signal Analyzer
M9393A KEYSIGHT-M9393A_17 Datasheet
3Mb / 39P
   M9393A PXIe Performance Vector Signal Analyzer
logo
National Instruments Co...
PXIE-5673 NI-PXIE-5673 Datasheet
1Mb / 9P
   Vector Signal Generator
logo
Keysight Technologies
M9393A KEYSIGHT-M9393A Datasheet
3Mb / 37P
   M9393A PXIe Performance Vector Signal Analyzer
logo
Agilent(Hewlett-Packard...
E8267D HP-E8267D Datasheet
753Kb / 32P
   Vector Signal Generator
logo
Keysight Technologies
E8267D KEYSIGHT-E8267D Datasheet
4Mb / 37P
   Vector Signal Generator
M9374A KEYSIGHT-M9374A Datasheet
1Mb / 34P
   Keysight PXIe Vector Network Analyzers
M9421A KEYSIGHT-M9421A_18 Datasheet
1Mb / 29P
   M9421A VXT PXIe Vector Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com