전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ6.0A 데이터시트(PDF) 3 Page - Dongguan City Niuhang Electronics Co.LTD

부품명 SMAJ6.0A
상세설명  TRANSIENT VOLTAGE SUPPRESSOR DIODES
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NIUHANG [Dongguan City Niuhang Electronics Co.LTD]
홈페이지  http://www.dgniuhang.com/
Logo NIUHANG - Dongguan City Niuhang Electronics Co.LTD

SMAJ6.0A 데이터시트(HTML) 3 Page - Dongguan City Niuhang Electronics Co.LTD

  SMAJ6.0A Datasheet HTML 1Page - Dongguan City Niuhang Electronics Co.LTD SMAJ6.0A Datasheet HTML 2Page - Dongguan City Niuhang Electronics Co.LTD SMAJ6.0A Datasheet HTML 3Page - Dongguan City Niuhang Electronics Co.LTD SMAJ6.0A Datasheet HTML 4Page - Dongguan City Niuhang Electronics Co.LTD SMAJ6.0A Datasheet HTML 5Page - Dongguan City Niuhang Electronics Co.LTD SMAJ6.0A Datasheet HTML 6Page - Dongguan City Niuhang Electronics Co.LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Date:2014/10/20
http://www.dgniuhang.com
TRANSIENT VOLTAGE SUPPRESSOR DIODES
Page: 3 of 6
Rev.:AA
Production
Data Sheet
Niu Hang
Electronic Co. Ltd
SMAJ5.0A/CA THRU SMAJ300A/CA
I-V Curve Characteristics
Voltage Transients
Time
Voltage Across TVS
Current Through TVS
Figure 1 -TVSTransients ClampingWaveform
Figure 2 - Peak Pulse Power Rating Curve
0.1
1
10
0.000001
0.00001
0.0001
0.001
t
d-Pulse Width (sec.)
0.2x0.2" (5.0x5.0mm)
Copper Pad Area
Vc VBR VR
IR
IT
Ipp
V
Uni-directional
VF
Vc VBR VR
IR
IT
Ipp
V
Vc
VBR
VR
Ipp
IR
IT
Bi-directional
P
PPM Peak Pulse Power Dissipation -- Max power dissipation
V
R
Stand-off Voltage -- Maximum voltage that can be applied to theTVS without operation
V
BR
Breakdown Voltage -- Maximum voltagethat flows thoughtheTVS at a specified test current (I
T)
V
C
Clamping Voltage
-- Peak voltage measured across the suppressor at a specified Ippm (peak impulse current)
I
R
Reverse Leakage Current -- Current measured at V
R
V
F
Forward Voltage Drop for Uni-directional
I-V CURVE CHARACTERISTICS
RATINGS AND CHARACTERISTIC CURVES(TA=25
UNLESS OTHERWISE NOTED)
°C


유사한 부품 번호 - SMAJ6.0A

제조업체부품명데이터시트상세설명
logo
Jinan Gude Electronic D...
SMAJ6.0A JGD-SMAJ6.0A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Nanjing International G...
SMAJ6.0A DGNJDZ-SMAJ6.0A Datasheet
499Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Texas Instruments
SMAJ6.0A TI1-SMAJ6.0A Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
logo
First Silicon Co., Ltd
SMAJ6.0A FS-SMAJ6.0A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
TAITRON Components Inco...
SMAJ6.0A TAITRON-SMAJ6.0A Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
More results

유사한 설명 - SMAJ6.0A

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZG04 PHILIPS-BZG04 Datasheet
31Kb / 7P
   Transient voltage suppressor diodes
1996 Sep 19
logo
Yangzhou yangjie electr...
SMAJ YANGJIE-SMAJ_11 Datasheet
199Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Diotec Semiconductor
P4SMAJ65 DIOTEC-P4SMAJ65_14 Datasheet
128Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Yangzhou yangjie electr...
SA10 YANGJIE-SA10_17 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
SMBJ10 YANGJIE-SMBJ10_17 Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Infineon Technologies A...
ESD5V3S1B-02LS INFINEON-ESD5V3S1B-02LS Datasheet
1Mb / 17P
   Transient Voltage Suppressor Diodes
Revision 1.0, 2011-04-08
ESD3V3U4ULC INFINEON-ESD3V3U4ULC_13 Datasheet
1Mb / 18P
   Transient Voltage Suppressor Diodes
Rev. 1.6, 2013-02-20
ESD112-B1-02ELS INFINEON-ESD112-B1-02ELS Datasheet
971Kb / 15P
   Transient Voltage Suppressor Diodes
Rev. 1.3, 2013-11-27
logo
First Silicon Co., Ltd
P4KE6.8 FS-P4KE6.8 Datasheet
336Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Dongguan City Niuhang E...
SMF5.0A NIUHANG-SMF5.0A Datasheet
471Kb / 6P
   TRANSIENT VOLTAGE SUPPRESSOR DIODES
logo
Diotec Semiconductor
P6KE68 DIOTEC-P6KE68_14 Datasheet
114Kb / 4P
   Transient Voltage Suppressor Diodes
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com