전자부품 데이터시트 검색엔진 |
|
SS24 데이터시트(PDF) 2 Page - Dongguan City Niuhang Electronics Co.LTD |
|
SS24 데이터시트(HTML) 2 Page - Dongguan City Niuhang Electronics Co.LTD |
2 / 3 page Production Data Sheet Niu Hang Electronic Co. Ltd http://www.dgniuhang.com Page: 2 of 3 Date:2014/10/20 Rev.:AA RATINGANDCHARACTERISTICCURVES Fig.1FORWARDCURRENTDERATINGCURVE Fig.4 TYPICAL JUNCTION CAPACITANCE Fig.3 TYPICAL REVERSE CHARACTERISTICS Fig.2-TYPICAL INSTANTANEOUS FORWARD Fig.5- MAXIMUM NON - REPETITIVE SURGE CURRENT AMBIENT TEMPERATURE,( C) NUMBER OF CYCLES AT 60 Hz INSTANTANEOUS FORWARD VOLEAGE, VOLTS PERCENT OF PEAK REVERSE VOLTAGE,% REVERSE VOLTAGE,VOLTS SS22 THRU SS220 SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 2.0 1.6 1.2 0.8 0.4 0 0 25 50 75 100 125 150 175 SS22-SS26 SS28-SS220 Single Phase Half Wave 60Hz Resistive or inductive Load 50 10.0 1 0.1 0.01 SS22-SS24 SS25-SS26 SS28-SS215 TJ=25 C 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 SS220 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 TJ=75 C TJ=25 C TJ=100 C 0.1 1.0 10 100 10 100 1000 2000 TJ=25 C SS22-SS24 SS25-SS220 50 40 30 20 10 0 1 10 100 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) FIG. 6-TYPICAL TRANSIENT THERMAL IMPEDANCE 0.01 0.1 1 10 100 100 10 1 0.1 t,PULSE DURATION,sec. |
유사한 부품 번호 - SS24 |
|
유사한 설명 - SS24 |