전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC195M 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HC195M
상세설명  High-Speed CMOS Logic 4-Bit Parallel Access Register
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HC195M 데이터시트(HTML) 10 Page - Texas Instruments

Back Button CD74HC195M Datasheet HTML 3Page - Texas Instruments CD74HC195M Datasheet HTML 4Page - Texas Instruments CD74HC195M Datasheet HTML 5Page - Texas Instruments CD74HC195M Datasheet HTML 6Page - Texas Instruments CD74HC195M Datasheet HTML 7Page - Texas Instruments CD74HC195M Datasheet HTML 8Page - Texas Instruments CD74HC195M Datasheet HTML 9Page - Texas Instruments CD74HC195M Datasheet HTML 10Page - Texas Instruments CD74HC195M Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


유사한 부품 번호 - CD74HC195M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC195M TI-CD74HC195M Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195M TI-CD74HC195M Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195M TI-CD74HC195M Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195M96 TI-CD74HC195M96 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD74HC195M96 TI-CD74HC195M96 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
More results

유사한 설명 - CD74HC195M

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
Hitachi Semiconductor
HD74HC195 HITACHI-HD74HC195 Datasheet
50Kb / 9P
   4-bit Parallel-Access Shift Register
logo
NXP Semiconductors
74HC195 PHILIPS-74HC195 Datasheet
67Kb / 9P
   4-bit parallel access shift register
December 1990
logo
Renesas Technology Corp
HD74HC195 RENESAS-HD74HC195 Datasheet
189Kb / 8P
   4-bit Parallel-Access Shift Register
logo
Motorola, Inc
MC74F195 MOTOROLA-MC74F195 Datasheet
91Kb / 4P
   4-BIT PARALLEL ACCESS SHIFT REGISTER
logo
NXP Semiconductors
74F195A PHILIPS-74F195A Datasheet
74Kb / 10P
   4-bit parallel-access shift register
1996 Mar 12
logo
Hitachi Semiconductor
HD74HC95 HITACHI-HD74HC95 Datasheet
44Kb / 8P
   4-bit Parallel Access Shift Register
logo
Renesas Technology Corp
HD74LS195A RENESAS-HD74LS195A Datasheet
188Kb / 8P
   4-bit Parallel-Access Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com