전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTB10-600CWRG 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 BTB10-600CWRG
상세설명  10A TRIACS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB10-600CWRG 데이터시트(HTML) 1 Page - STMicroelectronics

  BTB10-600CWRG Datasheet HTML 1Page - STMicroelectronics BTB10-600CWRG Datasheet HTML 2Page - STMicroelectronics BTB10-600CWRG Datasheet HTML 3Page - STMicroelectronics BTB10-600CWRG Datasheet HTML 4Page - STMicroelectronics BTB10-600CWRG Datasheet HTML 5Page - STMicroelectronics BTB10-600CWRG Datasheet HTML 6Page - STMicroelectronics BTB10-600CWRG Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
®
1/7
Table 1: Main Features
DESCRIPTION
Available either in through-hole or surface-mount
packages, the BTA10 and BTB10 triac series is
suitable for general purpose AC switching. They
can be used as an ON/OFF function in applica-
tions such as static relays, heating regulation, in-
duction motor starting circuits... or for phase
control operation in light dimmers, motor speed
controllers,...
The snubberless version (W suffix) is specially
recommended for use on inductive loads, thanks
to their high commutation performances.
By using an internal ceramic pad, the BTA series
provides
voltage
insulated
tab
(rated
at
2500VRMS) complying with UL standards (File ref.:
E81734).
Symbol
Value
Unit
IT(RMS)
10
A
VDRM/VRRM
600 and 800
V
IGT (Q
1)
25 to 50
mA
BTA10 and BTB10 Series
10A TRIACS
REV. 6
February 2006
SNUBBERLESS™ & STANDARD
Table 2: Order Codes
Part Number
Marking
BTA10-xxxxxRG
See page table 8 on
page 6
BTB10-xxxxxRG
G
A2
A1
G
A2
A2
A1
TO-220AB Insulated
(BTA10)
TO-220AB
(BTB10)
A2
A1
G
Table 3: Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine
wave)
TO-220AB
Tc = 105°C
10
A
TO-220AB Ins. Tc = 95°C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 50 Hz
t = 20 ms
100
A
F = 60 Hz
t = 16.7 ms
105
I²tI²t Value for fusing
tp = 10 ms
55
A²s
dI/dt
Critical rate of rise of on-state cur-
rent IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125°C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25°C
VDSM/VRSM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4A
PG(AV)
Average gate power dissipation
Tj = 125°C
1W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C


유사한 부품 번호 - BTB10-600CWRG

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
BTB10-600CW ISC-BTB10-600CW Datasheet
206Kb / 1P
   isc Triacs
More results

유사한 설명 - BTB10-600CWRG

제조업체부품명데이터시트상세설명
logo
SiPower Inc.
BTA10 SIPOWER-BTA10 Datasheet
863Kb / 6P
   10A Triacs
logo
Unisonic Technologies
BTB10A UTC-BTB10A Datasheet
166Kb / 3P
   10A TRIACS
BTB10A UTC-BTB10A_15 Datasheet
166Kb / 3P
   10A TRIACS
BTA10 UTC-BTA10 Datasheet
164Kb / 3P
   10A TRIACS
BTA10A UTC-BTA10A Datasheet
166Kb / 3P
   10A TRIACS
BTB10 UTC-BTB10 Datasheet
158Kb / 3P
   10A TRIACS
BTB10 UTC-BTB10_15 Datasheet
163Kb / 3P
   10A TRIACS
logo
Nell Semiconductor Co.,...
10TT06A-BW NELLSEMI-10TT06A-BW Datasheet
300Kb / 6P
   TRIACs, 10A Snubberless and Standard
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com