전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GM71C17400C 데이터시트(PDF) 1 Page - Hynix Semiconductor

부품명 GM71C17400C
상세설명  4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HYNIX [Hynix Semiconductor]
홈페이지  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GM71C17400C 데이터시트(HTML) 1 Page - Hynix Semiconductor

  GM71C17400C Datasheet HTML 1Page - Hynix Semiconductor GM71C17400C Datasheet HTML 2Page - Hynix Semiconductor GM71C17400C Datasheet HTML 3Page - Hynix Semiconductor GM71C17400C Datasheet HTML 4Page - Hynix Semiconductor GM71C17400C Datasheet HTML 5Page - Hynix Semiconductor GM71C17400C Datasheet HTML 6Page - Hynix Semiconductor GM71C17400C Datasheet HTML 7Page - Hynix Semiconductor GM71C17400C Datasheet HTML 8Page - Hynix Semiconductor GM71C17400C Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
GM71C(S)17400C/CL
4,194,304 WORDS x 4 BIT
CMOS DYNAMIC RAM
Description
The GM71C(S)17400C/CL is the new
generation dynamic RAM organized 4,194,304
words x 4 bit. GM71C(S)17400C/CL has
realized higher density, higher performance and
various functions by utilizing advanced CMOS
process technology. The GM71C(S)17400C/CL
offers Fast Page Mode as a high speed access
mode. Multiplexed address inputs permit the
GM71C(S)17400C/CL to be packaged in a
standard 300 mil 24(26) pin SOJ, and a standard
300 mil 24(26) pin plastic TSOP II. The
package size provides high system bit densities
and is compatible with widely available
automated testing and insertion equipment.
System oriented features include single power
supply 5.0V+/-10% tolerance, direct interfacing
capability with high performance logic families
such as Schottky TTL.
Features
* 4,194,304 Words x 4 Bit Organization
* Fast Page Mode Capability
* Single Power Supply (5.0V+/-10%)
* Fast Access Time & Cycle Time
* Low Power
Active : 660/605/550mW (MAX)
Standby : 11mW (CMOS level : MAX)
: 0.83mW (L-version : MAX)
* RAS Only Refresh, CAS before RAS Refresh,
Hidden Refresh Capability
* All inputs and outputs TTL Compatible
* 2048 Refresh Cycles/32ms
* 2048 Refresh Cycles/128ms (L-version)
* Battery backup operation (L-version)
* Test function : 16bit parallel test mode
(Unit: ns)
GM71C(S)17400C/CL-5
GM71C(S)17400C/CL-6
GM71C(S)17400C/CL-7
tRAC tCAC
tRC
tPC
50
60
13
15
90
110
35
40
70
18
130
45
Pin Configuration
24(26) SOJ
(Top View)
VCC
I/O1
I/O2
WE
RAS
NC
A10
A0
A1
A2
A3
VCC
VSS
I/O4
I/O3
CAS
OE
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
18
19
21
22
23
24
25
26
24(26) TSOP II
VCC
I/O1
I/O2
WE
RAS
A11
A10
A0
A1
A2
A3
VCC
VSS
I/O4
I/O3
CAS
OE
A9
A8
A7
A6
A5
A4
VSS
1
2
3
4
5
6
8
9
10
11
12
13
14
15
16
17
18
19
21
22
23
24
25
26
Rev 0.1 / Apr’01


유사한 부품 번호 - GM71C17400C

제조업체부품명데이터시트상세설명
logo
Hynix Semiconductor
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C-5 HYNIX-GM71C17403C-5 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C-6 HYNIX-GM71C17403C-6 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C-7 HYNIX-GM71C17403C-7 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403CL-5 HYNIX-GM71C17403CL-5 Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
More results

유사한 설명 - GM71C17400C

제조업체부품명데이터시트상세설명
logo
Hynix Semiconductor
GM71CS17403C HYNIX-GM71CS17403C Datasheet
97Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71C17403C HYNIX-GM71C17403C Datasheet
100Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
GM71V17403C HYNIX-GM71V17403C Datasheet
99Kb / 10P
   4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM
logo
Vanguard International ...
VG26VS17400E VML-VG26VS17400E Datasheet
209Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17400FJ VML-VG26VS17400FJ Datasheet
208Kb / 25P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
VG26VS17405FJ VML-VG26VS17405FJ Datasheet
244Kb / 27P
   4,194,304 x 4 - Bit CMOS Dynamic RAM
logo
Toshiba Semiconductor
THM94000S TOSHIBA-THM94000S Datasheet
396Kb / 16P
   4,194,304 WORDS x 9 BIT DYNAMIC RAM MODULE
logo
Hitachi Semiconductor
HM5116400 HITACHI-HM5116400 Datasheet
273Kb / 33P
   4,194,304 - WORD X 4-BIT DYNAMIC RAM
logo
Toshiba Semiconductor
TC5116400BSJ TOSHIBA-TC5116400BSJ Datasheet
442Kb / 8P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
TC5116400J TOSHIBA-TC5116400J Datasheet
1Mb / 25P
   4,194,304 WORD X 4 BIT DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com