전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GS9024 데이터시트(PDF) 8 Page - Gennum Corporation

부품명 GS9024
상세설명  Automatic Cable Equalizer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GENNUM [Gennum Corporation]
홈페이지  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024 데이터시트(HTML) 8 Page - Gennum Corporation

  GS9024 Datasheet HTML 1Page - Gennum Corporation GS9024 Datasheet HTML 2Page - Gennum Corporation GS9024 Datasheet HTML 3Page - Gennum Corporation GS9024 Datasheet HTML 4Page - Gennum Corporation GS9024 Datasheet HTML 5Page - Gennum Corporation GS9024 Datasheet HTML 6Page - Gennum Corporation GS9024 Datasheet HTML 7Page - Gennum Corporation GS9024 Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
521 - 70 - 06
8
GENNUM CORPORATION
MAILING ADDRESS:
P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996 Fax. +1 (905) 632-5946
SHIPPING ADDRESS:
970 Fraser Drive, Burlington, Ontario, Canada L7L 5P5
GENNUM JAPAN CORPORATION
C-101, Miyamae Village, 2-10-42 Miyamae, Suginami-ku
Tokyo 168-0081, Japan
Tel. +81 (03) 3334-7700 Fax. +81 (03) 3247-8839
GENNUM UK LIMITED
25 Long Garden Walk, Farnham, Surrey, England GU9 7HX
Tel. +44 (0)1252 747 000 Fax +44 (0)1252 726 523
Gennum Corporation assumes no responsibility for the use of any circuits described herein and makes no representations that they are free from patent infringement.
© Copyright April 1996 Gennum Corporation. All rights reserved. Printed in Canada.
TYPICAL APPLICATION CIRCUIT
PACKAGE DIMENSIONS
All dimensions in millimeters.
HIGH Z
SDO
SDO
CD_ADJ
OEM
AGC+
SSI/CD
AGC-
VEE
VCC
SDI
SDI
VEE
VCC
VCC
VCC
VCC
VCC
DATA OUT
DATA OUT
1
2
3
4
5
6
7
VCC
1n
10n
10n
50
75
37.5
75
75
75
75
100k
POT
(optional)
100nF
SDI INPUT
30 - 622Mb/s
EYE MONITOR
OUTPUT
14
13
12
11
10
9
8
GS9024
All resistors in ohms,
all capacitors in farads,
unless otherwise shown.
0.49
MAX
4.0
MAX
6.20
MAX
1
7
8
14
7.62 ±0.05
6 spaces@ 1.27±0.05
0.25
MAX
1.91
MAX
1.27
MAX
0.25
MAX
8.75 MAX
O.56 MAX
=
=
=
=
=
=
16 Pin SOIC Narrow
REVISION NOTES:
Clarified symbols for pin numbers 10 and 11;
Changed SSI/CD to SSI/CD.
For latest product information, visit www.gennum.com
DOCUMENT IDENTIFICATION
DATA SHEET
The product is in production. Gennum reserves the right to make
changes at any time to improve reliability, function or design, in order to
provide the best product possible.
CAUTION
ELECTROSTATIC
SENSITIVE DEVICES
DO NOT OPEN PACKAGES OR HANDLE
EXCEPT AT A STATIC-FREE WORKSTATION


유사한 부품 번호 - GS9024

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CKB GENNUM-GS9024-CKB Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CKBE3 GENNUM-GS9024-CKBE3 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CTB GENNUM-GS9024-CTB Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024-CTBE3 GENNUM-GS9024-CTBE3 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
More results

유사한 설명 - GS9024

제조업체부품명데이터시트상세설명
logo
Gennum Corporation
GS9024 GENNUM-GS9024_05 Datasheet
298Kb / 16P
   Automatic Cable Equalizer
GS9024C GENNUM-GS9024C Datasheet
496Kb / 8P
   Automatic Cable Equalizer
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com