전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10E158FNR2G 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC10E158FNR2G
상세설명  5V ECL 5?륛it 2:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E158FNR2G 데이터시트(HTML) 4 Page - ON Semiconductor

  MC10E158FNR2G Datasheet HTML 1Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 2Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 3Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 4Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 5Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 6Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 7Page - ON Semiconductor MC10E158FNR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10E158, MC100E158
www.onsemi.com
4
Table 5. 10E SERIES NECL DC CHARACTERISTICS (VCCx = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
33
40
33
40
33
40
mA
VOH
Output HIGH Voltage (Note 2)
−1020
−930
−840
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage (Note 2)
−1950 −1790 −1630 −1950 −1790 −1630 −1950 −1773 −1595
mV
VIH
Input HIGH Voltage
−1170 −1005
−840
−1130
−970
−810
−1060
−890
−720
mV
VIL
Input LOW Voltage
−1950 −1715 −1480 −1950 −1715 −1480 −1950 −1698 −1445
mV
IIH
Input HIGH Current
D
SEL
200
150
200
150
200
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.065
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
Table 6. 100E SERIES PECL DC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V (Note 1))
Symbol
Characteristic
0°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
33
40
33
40
38
46
mA
VOH
Output HIGH Voltage (Note 2)
3975
4050
4120
3975
4050
4120
3975
4050
4120
mV
VOL
Output LOW Voltage (Note 2)
3190
3295
3380
3190
3255
3380
3190
3260
3380
mV
VIH
Input HIGH Voltage
3835
3975
4120
3835
3975
4120
3835
3975
4120
mV
VIL
Input LOW Voltage
3190
3355
3525
3190
3355
3525
3190
3355
3525
mV
IIH
Input HIGH Current
D
SEL
200
150
200
150
200
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.


유사한 부품 번호 - MC10E158FNR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E158FNR2G ONSEMI-MC10E158FNR2G Datasheet
78Kb / 8P
   5V ECL 5-Bit 2:1 Multiplexer
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com