전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100E164FNR2G 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC100E164FNR2G
상세설명  5V ECL 16:1 Multiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E164FNR2G 데이터시트(HTML) 2 Page - ON Semiconductor

  MC100E164FNR2G Datasheet HTML 1Page - ON Semiconductor MC100E164FNR2G Datasheet HTML 2Page - ON Semiconductor MC100E164FNR2G Datasheet HTML 3Page - ON Semiconductor MC100E164FNR2G Datasheet HTML 4Page - ON Semiconductor MC100E164FNR2G Datasheet HTML 5Page - ON Semiconductor MC100E164FNR2G Datasheet HTML 6Page - ON Semiconductor MC100E164FNR2G Datasheet HTML 7Page - ON Semiconductor MC100E164FNR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10E164, MC100E164
www.onsemi.com
2
A9
A8
SEL3
VEE
SEL2
SEL0
SEL1
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
56
7
8
9
10
A10 A11 A12
A13 A14 A15 VCCO
NC
NC
VCC
Q
Q
VCCO
A0
A7
A6
A5
A4
A3
A2
A1
1
Pinout: 28-Lead PLCC
(Top View)
* All VCC and VCCO pins are tied together on the die.
Figure 1. 28-Lead Pinout Assignment
Warning: All VCC, VCCO, and VEE pins must be externally
connected to Power Supply to guarantee proper operation.
Figure 2. Logic Diagram
A0
A1
A14
A15
SEL0
SEL1
SEL2
SEL3
Q
Q
16:1
Table 1. PIN DESCRIPTION
PIN
FUNCTION
A0 − A15
ECL Data Inputs
SEL[0:3]
ECL Select Inputs
Q, Q
ECL Output
VCC, VCCO
Positive Supply
VEE
Negative Supply
NC
No Connect
Table 2. FUNCTION TABLE
SEL3
SEL2
SEL1
SEL0
Data
L
L
L
L
A0
L
L
L
H
A1
L
L
H
L
A2
L
L
H
H
A3
L
H
L
L
A4
L
H
L
H
A5
L
H
H
L
A6
L
H
H
H
A7
H
L
L
L
A8
H
L
L
H
A9
H
L
H
L
A10
H
L
H
H
A11
H
H
L
L
A12
H
H
L
H
A13
H
H
H
L
A14
H
H
H
H
A15


유사한 부품 번호 - MC100E164FNR2G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100E164FNR2G ONSEMI-MC100E164FNR2G Datasheet
125Kb / 9P
   5V ECL 16:1 Multiplexer
November, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com