전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EL15DG 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 MC100EL15DG
상세설명  5V ECL 1:4 Clock Distribution Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL15DG 데이터시트(HTML) 2 Page - ON Semiconductor

  MC100EL15DG Datasheet HTML 1Page - ON Semiconductor MC100EL15DG Datasheet HTML 2Page - ON Semiconductor MC100EL15DG Datasheet HTML 3Page - ON Semiconductor MC100EL15DG Datasheet HTML 4Page - ON Semiconductor MC100EL15DG Datasheet HTML 5Page - ON Semiconductor MC100EL15DG Datasheet HTML 6Page - ON Semiconductor MC100EL15DG Datasheet HTML 7Page - ON Semiconductor MC100EL15DG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EL15, MC100EL15
www.onsemi.com
2
Figure 1. Logic Diagram and Pinout Assignment
Q0
Q1
Q2
Q3
15
16
14
13
12
11
10
2
1
34567
VCC
9
8
Q3
Q2
Q1
Q0
EN
SCLK
CLK
CLK
VBB
SEL
VEE
D
Q
1
PIN
FUNCTION
CLK, CLK
ECL Diff Clock Inputs
SCLK
ECL Scan Clock Input
EN
ECL Sync Enable
SEL
ECL Clock Select Input
Q0−3, Q0−3
ECL Diff Clock Outputs
VBB
Reference Voltage Output
VCC
Positive Supply
VEE
Negative Supply
Table 1. PIN DESCRIPTION
CLK*
L
H
X
X
X
SCLK*
X
X
L
H
X
SEL*
L
L
H
H
X
EN*
L
L
L
L
H
Q
L
H
L
H
L(1)
Table 2. FUNCTION TABLE
*Pins will default low when left open.
1. On next negative transition of CLK or SCLK
0
Table 3. ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 KW
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 1 kV
> 100 V
2kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
103
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.


유사한 부품 번호 - MC100EL15DG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EL15DG ONSEMI-MC100EL15DG Datasheet
147Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
August, 2005 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com