전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EL33DTG 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC100EL33DTG
상세설명  Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL33DTG 데이터시트(HTML) 1 Page - ON Semiconductor

  MC100EL33DTG Datasheet HTML 1Page - ON Semiconductor MC100EL33DTG Datasheet HTML 2Page - ON Semiconductor MC100EL33DTG Datasheet HTML 3Page - ON Semiconductor MC100EL33DTG Datasheet HTML 4Page - ON Semiconductor MC100EL33DTG Datasheet HTML 5Page - ON Semiconductor MC100EL33DTG Datasheet HTML 6Page - ON Semiconductor MC100EL33DTG Datasheet HTML 7Page - ON Semiconductor MC100EL33DTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 11
1
Publication Order Number:
MC10EL33/D
MC10EL33, MC100EL33
5 V ECL ÷4 Divider
Description
The MC10EL/100EL33 is an integrated
÷4 divider. The differential
clock inputs and the VBB allow a differential, single-ended or AC coupled
interface to the device. The VBB pin, an internally generated voltage
supply, is available to this device only. For single-ended input conditions,
the unused differential input is connected to VBB as a switching reference
voltage. VBB may also rebias AC coupled inputs. When used, decouple
VBB and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The reset pin is asynchronous and is asserted on the rising edge. Upon
power-up, the internal flip-flops will attain a random state; the reset allows
for the synchronization of multiple EL33’s in a system.
The 100 Series contains temperature compensation.
Features
650 ps Propagation Delay
4.0 GHz Toggle Frequency
ESD Protection:
> 1 kV Human Body Model
> 100 V Machine Model
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors on CLK(s) and R.
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity:
Level 1 for SOIC−8 NB
Level 3 for TSSOP−8
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 95 Devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
Figure 1. Logic Diagram and Pinout Assignment
4
3
1
2
5
6
7
8
Q
VEE
VCC
Q
CLK
VBB
R
÷4
Reset
CLK
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAMS*
KL33
ALYWG
G
SOIC−8 NB
D SUFFIX
CASE 751−05
1
8
TSSOP−8
DT SUFFIX
CASE 948R−02
1
8
1
8
ORDERING INFORMATION
www.onsemi.com
KEL33
ALYW
G
1
8
HL33
ALYWG
G
1
8
HEL33
ALYW
G
1
8
(Note: Microdot may be in either location)
H = MC10
K = MC100
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
G = Pb-Free Package
SOIC−8 NB
TSSOP−8
See detailed ordering and shipping information on page 6 of
this data sheet.


유사한 부품 번호 - MC100EL33DTG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EL33DTG ONSEMI-MC100EL33DTG Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC100EL33DTG ONSEMI-MC100EL33DTG Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
More results

유사한 설명 - MC100EL33DTG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP33 ONSEMI-MC10EP33_16 Datasheet
192Kb / 11P
   Divider
August, 2016 ??Rev. 11
MC10EP32 ONSEMI-MC10EP32_16 Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
MC10EL32 ONSEMI-MC10EL32_16 Datasheet
171Kb / 8P
   Divider
July, 2016 ??Rev. 9
logo
Texas Instruments
4214BP TI1-4214BP Datasheet
430Kb / 6P
[Old version datasheet]   MULTIPLER - DIVIDER
logo
M/A-COM Technology Solu...
MAPDCT0028 MA-COM-MAPDCT0028_15 Datasheet
139Kb / 3P
   Power divider
logo
KODENSHI_AUK CORP.
KK4017B KODENSHI-KK4017B Datasheet
346Kb / 7P
   Counter/Divider
logo
Integrated Device Techn...
ICS542MILF IDT-ICS542MILF Datasheet
171Kb / 6P
   CLOCK DIVIDER
ICS542MLFT IDT-ICS542MLFT Datasheet
171Kb / 6P
   CLOCK DIVIDER
logo
American Accurate Compo...
JXWBGF-H-2-0.4-400 AAC-JXWBGF-H-2-0.4-400 Datasheet
88Kb / 1P
   Power Divider
JXWBGF-C-6-1-200 AAC-JXWBGF-C-6-1-200 Datasheet
83Kb / 1P
   Power Divider
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com