전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10E452 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 MC10E452
상세설명  5V ECL 5?륛it Differential Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E452 데이터시트(HTML) 6 Page - ON Semiconductor

  MC10E452_16 Datasheet HTML 1Page - ON Semiconductor MC10E452_16 Datasheet HTML 2Page - ON Semiconductor MC10E452_16 Datasheet HTML 3Page - ON Semiconductor MC10E452_16 Datasheet HTML 4Page - ON Semiconductor MC10E452_16 Datasheet HTML 5Page - ON Semiconductor MC10E452_16 Datasheet HTML 6Page - ON Semiconductor MC10E452_16 Datasheet HTML 7Page - ON Semiconductor MC10E452_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC10E452, MC100E452
www.onsemi.com
6
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


유사한 부품 번호 - MC10E452_16

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E452FN ONSEMI-MC10E452FN Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNG ONSEMI-MC10E452FNG Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNR2 ONSEMI-MC10E452FNR2 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNR2G ONSEMI-MC10E452FNR2G Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com