전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10E452 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC10E452
상세설명  5V ECL 5?륛it Differential Register
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E452 데이터시트(HTML) 4 Page - ON Semiconductor

  MC10E452 Datasheet HTML 1Page - ON Semiconductor MC10E452 Datasheet HTML 2Page - ON Semiconductor MC10E452 Datasheet HTML 3Page - ON Semiconductor MC10E452 Datasheet HTML 4Page - ON Semiconductor MC10E452 Datasheet HTML 5Page - ON Semiconductor MC10E452 Datasheet HTML 6Page - ON Semiconductor MC10E452 Datasheet HTML 7Page - ON Semiconductor MC10E452 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10E452, MC100E452
www.onsemi.com
4
Table 4. 10E SERIES NECL DC CHARACTERISTICS (VCCx = 0.0 V; VEE = −5.0 V (Note 1))
−40°C
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
74
89
74
89
74
89
74
89
mA
VOH
Output HIGH Voltage
(Note 2)
−1020
−930
−840
−980
−895
−810
−910
−815
−720
mV
VOL
Output LOW Voltage
(Note 2)
−1950
−1790
−1630
−1950
−1790
−1630
−1950
−1773
−1595
mV
VIH
Input HIGH Voltage
(Single-Ended)
−1170
−1005
−840
−1130
−970
−810
−1060
−890
−720
mV
VIL
Input LOW Voltage
(Single-Ended)
−1950
−1715
−1480
−1950
−1715
−1480
−1950
−1698
−1445
mV
VBB
Output Voltage Reference
−1.43
−1.3
−1.38
−1.27
−1.35
−1.25
−1.31
−1.19
V
VIHCMR
Input HIGH Voltage
Common Mode Range
(Differential Configuration)
(Note 3)
−2.8
−0.4
−2.8
−0.4
−2.8
−0.4
V
IIH
Input HIGH Current
150
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.065
0.3
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.06 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.
Table 5. 100E SERIES PECL DC CHARACTERISTICS (VCCx = 5.0 V; VEE = 0.0 V (Note 1))
−40°C
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
74
89
74
89
74
89
85
102
mA
VOH
Output HIGH Voltage
(Note 2)
3975
4050
4120 3975
4050
4120 3975 4050 4120
mV
VOL
Output LOW Voltage
(Note 2)
3190
3295
3380 3190
3255
3380 3190 3260 3380
mV
VIH
Input HIGH Voltage
(Single-Ended)
3835
3975
4120 3835
3975
4120 3835 3975 4120
mV
VIL
Input LOW Voltage
(Single-Ended)
3190
3355
3525 3190
3355
3525 3190 3355 3525
mV
VBB
Output Voltage Reference
3.62
3.74
3.62
3.74
3.62
3.74
3.62
3.74
V
VIHCMR Input HIGH Voltage Com-
mon Mode Range (Differ-
ential Configuration)
(Note 3)
2.2
4.6
2.2
4.6
2.2
4.6
V
IIH
Input HIGH Current
150
150
150
150
mA
IIL
Input LOW Current
0.5
0.3
0.5
0.25
0.5
0.2
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary −0.46 V / +0.8 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC.


유사한 부품 번호 - MC10E452

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10E452 ONSEMI-MC10E452 Datasheet
111Kb / 4P
   5-BIT DIFFERENTIAL REGISTER
1996 REV 2
MC10E452 ONSEMI-MC10E452 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FN ONSEMI-MC10E452FN Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNG ONSEMI-MC10E452FNG Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E452FNR2 ONSEMI-MC10E452FNR2 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com