전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

744831016164 데이터시트(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 744831016164
상세설명  WE-CMBHV Common Mode Power Line Choke
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744831016164 데이터시트(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744831016164 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744831016164 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744831016164 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744831016164 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744831016164 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Classification Wave Soldering Profile:
Time
Tp
tp
Ts max
Ts typical
Ts min
First Wave
Preheat area
Cool down area
Second Wave
typical temperature procedure
min temperature procedure
max temperature procedure
Profile Feature
Pb-Free Assembly
Sn-Pb Assembly
Preheat Temperature Min
Ts min
100 °C
100 °C
Preheat Temperature Typical
Ts typical 120 °C
120 °C
Preheat Temperature Max
Ts max
130 °C
130 °C
Preheat Time ts from Ts min to Ts max
ts
70 seconds
70 seconds
Peak temperature
Tp
250 °C - 260 °C
235 °C - 260 °C
Time of actual peak temperature
tp
max. 10 seconds
max. 5 seconds each wave
max. 10 seconds
max. 5 seconds each wave
Ramp-down Rate, Min
~ 2 K/ second
~ 2 K/ second
Ramp-down Rate, Typical
~ 3.5 K/ second
~ 3.5 K/ second
Ramp-down Rate, Max
~ 5 K/ second
~ 5 K/ second
Time 25°C to 25°C
4 minutes
4 minutes
Classification Wave Soldering Profile:
refer to EN61760-1:2006
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
HasA
DIN ISO 2768-1m
DESCRIPTION
WE-CMBHV Common Mode Power
Line Choke
ORDER CODE
744831016164
SIZE
REVISION
STATUS
DATE
BUSINESS UNIT
PAGE
XXL
001.000
Valid
2015-11-10
eiSos
3/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


유사한 부품 번호 - 744831016164

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744831010205 WURTH-744831010205 Datasheet
453Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
More results

유사한 설명 - 744831016164

제조업체부품명데이터시트상세설명
logo
Wurth Elektronik GmbH &...
744831020133 WURTH-744831020133 Datasheet
452Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830007215 WURTH-744830007215 Datasheet
439Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744831034090 WURTH-744831034090 Datasheet
452Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744831047068 WURTH-744831047068 Datasheet
452Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830010185 WURTH-744830010185 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830017132 WURTH-744830017132 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830025103 WURTH-744830025103 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744830039080 WURTH-744830039080 Datasheet
438Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744831010205 WURTH-744831010205 Datasheet
453Kb / 5P
   WE-CMBHV Common Mode Power Line Choke
744844221 WURTH-744844221 Datasheet
909Kb / 5P
   WE-ExB Common Mode Power Line Choke
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com