전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILC6363 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 ILC6363
상세설명  Step-Up DC-DC Converter for One-Cell Lithium-Ion Batteries
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC6363 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button ILC6363 Datasheet HTML 2Page - Fairchild Semiconductor ILC6363 Datasheet HTML 3Page - Fairchild Semiconductor ILC6363 Datasheet HTML 4Page - Fairchild Semiconductor ILC6363 Datasheet HTML 5Page - Fairchild Semiconductor ILC6363 Datasheet HTML 6Page - Fairchild Semiconductor ILC6363 Datasheet HTML 7Page - Fairchild Semiconductor ILC6363 Datasheet HTML 8Page - Fairchild Semiconductor ILC6363 Datasheet HTML 9Page - Fairchild Semiconductor ILC6363 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ILC6363
PRODUCT SPECIFICATION
6
REV. 1.3.5 5/21/02
Figure 5. PFM Waveform
Other Considerations
The other limitation of PWM techniques is that, while the
fundamental switching frequency is easier to filter out since
it's constant, the higher order harmonics of PWM will be
present and may have to be filtered out, as well. Any filtering
requirements, though, will vary by application and by actual
system design and layout, so generalizations in this area are
difficult, at best.
However, PWM control for boost DC-DC conversion is
widely used, especially in audio-noise sensitive applications
or applications requiring strict filtering of the high frequency
components.
Low Battery Detector
The ILC6363's low battery detector is a based on a CMOS
comparator. The negative input of the comparator is tied to
an internal 1.25V (nominal) reference, VREF. The positive
input is the LBI/SD pin. It uses a simple potential divider
arrangement with two resistors to set the LBI threshold as
shown in Figure 6. The input bias current of the LBI pin is
only 200nA. This means that the resistor values R1 and R2
can be set quite high. The formula for setting the LBI
threshold is:
VLBI = VREF x (1+R5/R6)
Since the LBI input current is negligible (<200nA), this
equation is derived by applying voltage divider formula
across R6. A typical value for R6 is 100k
Ω.
R5 = 100k
Ω x [(VLBI/VREF) -1],
where VREF=1.25V (nom.)
The LBI detector has a built in delay of 120ms. In order to
get a valid low-battery-output (LBO) signal, the input volt-
age must be lower than the low-battery-input (LBI) threshold
for a duration greater than the low battery hold time
(thold(LBI)) of 120msec. This feature eliminates false trigger-
ing due to voltage transients at the battery terminal caused by
high frequency switching currents.
Figure 6. Low Battery Detector
The output of the low battery detector is an open drain
capable of sinking 2mA. A 10k
Ω pull-up resistor is
recommended on this output.
For VLBI < 1.25V
The low battery detector can also be configured for voltages
<1.25V by bootstrapping the LBI input from VOUT. The
circuitry for this is shown in Figure 7.
Figure 7. VLBI < 1.25V
The following equation is used when VIN is lower than
1.25V:
R1 = R2 x [(VREF – VIN) / (VOUT – VREF)],
where VREF = 1.25V (nom.)
This equation can also be derived using voltage divider
formula across R2. A typical value for R2 is 100k
Ω.
Shut Down
The LBI pin is shared with the shutdown pin. A low voltage
(<0.4V) will put the ILC6363 into a power down state. The
simplest way to implement this is with an FET across R6 as
shown in Figure 8. Note that when the device is not in PWM
mode or is in shutdown the low battery detector does not
operate.
VSET
VOUT
Switch Waveform
R6
R5
LBI/SD
3
2 VIN
ILC6363
Shutdown
DELAY
100ms
1.25V
Internal
Reference
GND
7
LBO
3.3V
RPU
6
+
-
VOUT
8
R2
3
LBI/SD
VIN
R1
ILC6363
+
-
1.25V
Internal
Reference
GND
7


유사한 부품 번호 - ILC6363

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC6360 IMPALA-ILC6360 Datasheet
687Kb / 14P
   STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
ILC6360CIR-36 IMPALA-ILC6360CIR-36 Datasheet
687Kb / 14P
   STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
ILC6360CIR-ADJ IMPALA-ILC6360CIR-ADJ Datasheet
687Kb / 14P
   STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
More results

유사한 설명 - ILC6363

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC6360 IMPALA-ILC6360 Datasheet
687Kb / 14P
   STEP-UP/STEP DOWN DC-DC CONVERTER FOR 1-CELL LITHIUM-LON BATTERIES
logo
Mitsumi Electronics, Co...
MM1291AF MITSUMI-MM1291AF Datasheet
172Kb / 7P
   Protection of Lithium Ion Batteries (one cell)
logo
Analog Intergrations Co...
AIC1639 AIC-AIC1639 Datasheet
147Kb / 11P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1638 AIC-AIC1638 Datasheet
240Kb / 15P
   3-PIN ONE-CELL STEP-UP DC/DC CONVERTER
AIC1642 AIC-AIC1642 Datasheet
251Kb / 14P
   3-Pin One-Cell Step-Up DC/DC Converter
logo
Mitsubishi Electric Sem...
MM1301 MITSUBISHI-MM1301 Datasheet
95Kb / 5P
   Protection of Lithium Ion Batteries (one cell) Monolithic IC
logo
Shenzhen Huazhimei Semi...
HM4057B HMSEMI-HM4057B Datasheet
1Mb / 8P
   single cell lithium-ion and Lithium-Polymer batteries
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
   2-Cell, 200mA, Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com