전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10EL52 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 MC10EL52
상세설명  5 V ECL Differential Data and Clock D Flip?륡lop
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL52 데이터시트(HTML) 5 Page - ON Semiconductor

  MC10EL52 Datasheet HTML 1Page - ON Semiconductor MC10EL52 Datasheet HTML 2Page - ON Semiconductor MC10EL52 Datasheet HTML 3Page - ON Semiconductor MC10EL52 Datasheet HTML 4Page - ON Semiconductor MC10EL52 Datasheet HTML 5Page - ON Semiconductor MC10EL52 Datasheet HTML 6Page - ON Semiconductor MC10EL52 Datasheet HTML 7Page - ON Semiconductor MC10EL52 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10EL52, MC100EL52
www.onsemi.com
5
Table 8. AC CHARACTERISTICS (VCC = 5.0 V; VEE = 0 V or VCC = 0 V; VEE = −5.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fmax
Maximum Toggle Frequency
1.8
2.5
2.2
2.8
2.2
2.8
GHz
tPLH
tPHL
Propagation Delay to Output
CLK
225
335
515
275
365
465
320
410
510
ps
tS
Setup Time
125
0
125
0
125
0
ps
tH
Hold Time
150
50
150
50
150
50
ps
tPW
Minimum Pulse Width
400
400
400
ps
VPP
Input Swing (Note 2)
150
1000
150
1000
150
1000
mV
tJITTER
Cycle-to-Cycle Jitter
TBD
TBD
TBD
ps
tr
tf
Output Rise/Fall Times Q (20%−80%)
100
225
350
100
225
350
100
225
350
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. 10 Series: VEE can vary +0.25 V / −0.5 V for +25°C and +85°C. or VEE can vary +0.06 V / −0.5 V for −40°C
100 Series: VEE can vary +0.8 V / −0.5 V.
2. VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈40.


유사한 부품 번호 - MC10EL52

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EL52 ONSEMI-MC10EL52 Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
MC10EL52 ONSEMI-MC10EL52 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC10EL52D ONSEMI-MC10EL52D Datasheet
82Kb / 3P
   Differential Data and Clock D Flip-Flop
1996 REV 2
MC10EL52D ONSEMI-MC10EL52D Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC10EL52D ONSEMI-MC10EL52D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

유사한 설명 - MC10EL52

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP52 ONSEMI-MC10EP52_16 Datasheet
189Kb / 11P
   ECL Differential Data and Clock D Flip?륡lop
August, 2016 ??Rev. 8
MC10EL51 ONSEMI-MC10EL51_16 Datasheet
168Kb / 7P
   5V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 8
MC100LVEL29 ONSEMI-MC100LVEL29_16 Datasheet
154Kb / 6P
   ECL Dual Differential Data and Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC100LVEL51 ONSEMI-MC100LVEL51_16 Datasheet
172Kb / 9P
   3.3V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10EL35 ONSEMI-MC10EL35_16 Datasheet
157Kb / 7P
   5 V ECL JK Flip?륡lop
July, 2016 ??Rev. 8
MC10E131 ONSEMI-MC10E131_16 Datasheet
161Kb / 8P
   5V ECL 4?륛it D Flip?륡lop
July, 2016 ??Rev. 12
MC10EL52 ONSEMI-MC10EL52_06 Datasheet
153Kb / 9P
   5V ECL Differential Data and Clock D Flip-Flop
December, 2006 ??Rev. 5
MC100LVEL31 ONSEMI-MC100LVEL31_16 Datasheet
152Kb / 6P
   3.3 V ECL D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 5
MC10EP52 ONSEMI-MC10EP52_06 Datasheet
162Kb / 12P
   3.3V / 5V ECL Differential Data and Clock D Flip?묯lop
December, 2006 ??Rev. 6
MC10E451 ONSEMI-MC10E451_16 Datasheet
165Kb / 9P
   5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com