전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ILC6383 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 ILC6383
상세설명  1-Cell to 3-Cell Boost DC-DC Converter with True Load Disconnect, 3.3V, 5V or Adjustable Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC6383 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button ILC6383 Datasheet HTML 3Page - Fairchild Semiconductor ILC6383 Datasheet HTML 4Page - Fairchild Semiconductor ILC6383 Datasheet HTML 5Page - Fairchild Semiconductor ILC6383 Datasheet HTML 6Page - Fairchild Semiconductor ILC6383 Datasheet HTML 7Page - Fairchild Semiconductor ILC6383 Datasheet HTML 8Page - Fairchild Semiconductor ILC6383 Datasheet HTML 9Page - Fairchild Semiconductor ILC6383 Datasheet HTML 10Page - Fairchild Semiconductor ILC6383 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PRODUCT SPECIFICATION
ILC6383
REV. 1.2.6 6/13/02
7
The Dual PWM/PFM mode architecture was designed spe-
cifically for applications such as wireless communications,
which need the spectral predictability of a PWM-type DC-
DC converter, yet also need the highest efficiencies possible,
especially in Standby mode.
Other Considerations
The other limitation of PWM techniques is that, while the
fundamental switching frequency is easier to filter out since
it's constant, the higher order harmonics of PWM will be
present and may have to be filtered out, as well. Any filtering
requirements, though, will vary by application and by actual
system design and layout, so generalizations in this area are
difficult, at best.
However, PWM control for boost DC-DC conversion is
widely used, especially in audio-noise sensitive applications
or applications requiring strict filtering of the high frequency
components.
Low Battery Detector
The ILC6383's low battery detector is a based on a CMOS
comparator. The negative input of the comparator is tied to
an internal 1.25V (nominal) reference, VREF. The positive
input is the LBI/SD pin. It uses a simple potential divider
arrangement with two resistors to set the LBI threshold as
shown in Figure 6. The input bias current of the LBI pin is
only 200nA. This means that the resistor values R1 and R2
can be set quite high. The formula for setting the LBI thresh-
old is:
VLBI = VREF x (1+R5/R6)
Since the LBI input current is negligible (<200nA), this
equation is derived by applying voltage divider formula
across R6. A typical value for R6 is 100k
Ω.
R5 = 100k
Ω x [(VLBI/VREF) -1], where VREF = 1.25V (nom.)
The LBI detector has a built in delay of 120ms. In order to
get a valid low-battery-output (LBO) signal, the input volt-
age must be lower than the low-battery-input (LBI) threshold
for a duration greater than the low battery hold time
(thold(LBI)) of 120msec. This feature eliminates false trigger-
ing due to voltage transients at the battery terminal caused by
high frequency switching currents.
Figure 6. Low Battery Detector
The output of the low battery detector is an open drain
capable of sinking 2mA. A 10k
Ω pull-up resistor is recom-
mended on this output.
For VLBI < 1.25V
The low battery detector can also be configured for
voltages <1.25V by bootstrapping the LBI input from VOUT.
The circuitry for this is shown in Figure 7.
Figure 7. VLBI < 1.25V
The following equation is used when VIN is lower than
1.25V:
R1 = R2 x [(VREF - VIN) / (VOUT - VREF)],
where VREF = 1.25V (nom.)
This equation can also be derived using voltage divider
formula across R2. A typical value for R2 is 100k
Ω.
R6
R5
LBI/SD
3
2 VIN
ILC6383
Shutdown
DELAY
100ms
1.25V
Internal
Reference
GND
7
LBO
3.3V
RPU
6
+
-
VOUT
8
R2
3
LBI/SD
VIN
R1
ILC6383
+
-
1.25V
Internal
Reference
GND
7


유사한 부품 번호 - ILC6383

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC6380 IMPALA-ILC6380 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
ILC6380AP-25 IMPALA-ILC6380AP-25 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
ILC6380AP-33 IMPALA-ILC6380AP-33 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
ILC6380AP-50 IMPALA-ILC6380AP-50 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
ILC6380BP-25 IMPALA-ILC6380BP-25 Datasheet
186Kb / 6P
   SOT-89 STEP-UP DUAL-MODE SWITCHER WITH SHUTDOWN
More results

유사한 설명 - ILC6383

제조업체부품명데이터시트상세설명
logo
Impala Linear Corporati...
ILC6382 IMPALA-ILC6382 Datasheet
1Mb / 19P
   1-CELL TO 3-CELL BOOST WITH TRUE LOAD DISCONNECT, 3.3V, 5V OR ADJUSTABLE OUTPUT
logo
Maxim Integrated Produc...
MAX866 MAXIM-MAX866 Datasheet
139Kb / 12P
   3.3V/5V or Adjustable-Output, Single-Cell DC-DC Converters
Rev 1; 5/96
logo
Micro Linear Corporatio...
ML4769 MICRO-LINEAR-ML4769 Datasheet
240Kb / 8P
   2 Cell, Adjustable Output Boost Regulator with Load Disconnect
ML4770 MICRO-LINEAR-ML4770 Datasheet
239Kb / 8P
   2 Cell, Adjustable Output, High Current Boost Regulator with Load Disconnect
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Maxim Integrated Produc...
MAX856 MAXIM-MAX856 Datasheet
126Kb / 12P
   3.3V/5V or Adjustable-Output, Step-Up DC-DC Converters
Rev 4; 5/96
logo
STMicroelectronics
ST777 STMICROELECTRONICS-ST777 Datasheet
344Kb / 11P
   LOW VOLTAGE INPUT, 3-3.3V/5V/ADJUSTABLE OUTPUT DC-DC CONVERTER WITH SYNCHRONOUS RECTIFIER
October 2002
logo
Maxim Integrated Produc...
MAX1703 MAXIM-MAX1703 Datasheet
273Kb / 16P
   1-Cell to 3-Cell, High-Power 1.5A, Low-Noise, Step-Up DC-DC Converter
Rev 2; 11/98
logo
Linear Technology
LTC1502-3.3 LINER-LTC1502-3.3 Datasheet
171Kb / 8P
   Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
LTC1502-3.3 LINER-LTC1502-3.3_15 Datasheet
177Kb / 8P
   Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com