전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC10EP89DR2 데이터시트(PDF) 8 Page - ON Semiconductor

부품명 MC10EP89DR2
상세설명  ECL Coaxial Cable Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP89DR2 데이터시트(HTML) 8 Page - ON Semiconductor

Back Button MC10EP89DR2 Datasheet HTML 3Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 4Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 5Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 6Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 7Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 8Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 9Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 10Page - ON Semiconductor MC10EP89DR2 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
MC10EP89
http://onsemi.com
8
ORDERING INFORMATION
Device
Package
Shipping
MC10EP89D
SOIC-8
98 Units / Rail
MC10EP89DG
SOIC-8
(Pb-Free)
98 Units / Rail
MC10EP89DR2
SOIC-8
2500 / Tape & Reel
MC10EP89DR2G
SOIC-8
(Pb-Free)
2500 / Tape & Reel
MC10EP89DT
TSSOP-8
100 Units / Rail
MC10EP89DTG
TSSOP-8
(Pb-Free)
100 Units / Rail
MC10EP89DTR2
TSSOP-8
2500 / Tape & Reel
MC10EP89DTR2G
TSSOP-8
(Pb-Free)
2500 / Tape & Reel
MC10EP89MNR4
DFN8
1000 / Tape & Reel
MC10EP89MNR4G
DFN8
(Pb-Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
-
ECL Clock Distribution Techniques
AN1406/D
-
Designing with PECL (ECL at +5.0 V)
AN1503/D
-
ECLinPS
t I/O SPiCE Modeling Kit
AN1504/D
-
Metastability and the ECLinPS Family
AN1568/D
-
Interfacing Between LVDS and ECL
AN1642/D
-
The ECL Translator Guide
AND8001/D
-
Odd Number Counters Design
AND8002/D
-
Marking and Date Codes
AND8020/D
-
Termination of ECL Logic Devices
AND8066/D
-
Interfacing with ECLinPS
AND8090/D
-
AC Characteristics of ECL Devices


유사한 부품 번호 - MC10EP89DR2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP89DR2 ONSEMI-MC10EP89DR2 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
MC10EP89DR2 ONSEMI-MC10EP89DR2 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EP89DR2G ONSEMI-MC10EP89DR2G Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
More results

유사한 설명 - MC10EP89DR2

제조업체부품명데이터시트상세설명
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89_12 Datasheet
437Kb / 6P
   PECL/ECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89 Datasheet
115Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89 MICREL-SY10EL89_03 Datasheet
60Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com