전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA8391G-TR 데이터시트(PDF) 7 Page - Rohm

부품명 BA8391G-TR
상세설명  Ground Sense Comparator
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA8391G-TR 데이터시트(HTML) 7 Page - Rohm

Back Button BA8391G-TR Datasheet HTML 3Page - Rohm BA8391G-TR Datasheet HTML 4Page - Rohm BA8391G-TR Datasheet HTML 5Page - Rohm BA8391G-TR Datasheet HTML 6Page - Rohm BA8391G-TR Datasheet HTML 7Page - Rohm BA8391G-TR Datasheet HTML 8Page - Rohm BA8391G-TR Datasheet HTML 9Page - Rohm BA8391G-TR Datasheet HTML 10Page - Rohm BA8391G-TR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 57 page
background image
Datasheet
www.rohm.com
TSZ02201-0RFR0G200200-1-2
©2013 ROHM Co., Ltd. All rights reserved.
7/53
05.Jun.2015 Rev.004
TSZ22111 • 15 • 001
BA8391G
BA10393F
BA10339 Series
BA2903 Series
BA2901 Series
Electrical Characteristics - continued
○BA10393F (Unless otherwise specified VCC=+5V, VEE=0V, TA=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 23)
VIO
25°C
-
1
5
mV
OUT=1.4V
Input Offset Current
(Note 23)
IIO
25°C
-
5
50
nA
OUT=1.4V
Input Bias Current
(Note 24)
IB
25°C
-
50
250
nA
OUT=1.4V
Input Common-mode
Voltage Range
VICM
25°C
0
-
VCC
-1.5
V
-
Large Signal Voltage Gain
AV
25°C
50
200
-
V/mV
VCC=15V, OUT=1.4 ~ 11.4V
RL
=15kΩ, VRL=15V
94
106
-
dB
Supply Current
ICC
25°C
-
0.4
1
mA
RL=∞, All Comparators
Output Sink Current
(Note 25)
ISINK
25°C
6
16
-
mA
-IN=1V, +IN=0V
OUT=1.5V
Output Saturation Voltage
(Low Level Output Voltage)
VOL
25°C
-
250
400
mV
-IN=1V, +IN=0V
ISINK=4mA
Output Leakage Current
(High Level Output Current)
ILEAK
25°C
-
0.1
-
nA
-IN=0V, +IN=1V
OUT=5V
25°C
-
-
1
μA
-IN=0V, +IN=1V
OUT=36V
Response Time
tRE
25°C
-
1.3
-
μs
RL
=5.1kΩ, VRL=5V
IN=100mVP-P, Overdrive=5mV
-
0.4
-
RL
=5.1kΩ, VRL=5V, IN=TTL
Logic Swing, VREF=1.4V
(Note 23) Absolute value
(Note 24) Current Direction: Because the first stage is composed with PNP transistor, input bias current flows out of IC.
(Note 25) Please determine the output current value in consideration of the power dissipation of the IC under high temperature environment.
When the output terminal is continuously shorted, output current may be reduced by the temperature rise of the IC.
○BA10339 xx(Unless otherwise specified VCC=+5V, VEE=0V, TA=25°C)
Parameter
Symbol
Temperature
Range
Limit
Unit
Conditions
Min
Typ
Max
Input Offset Voltage
(Note 26)
VIO
25°C
-
1
5
mV
OUT=1.4V
Input Offset Current
(Note 26)
IIO
25°C
-
5
50
nA
OUT=1.4V
Input Bias Current
(Note 27)
IB
25°C
-
50
250
nA
OUT=1.4V
Input Common-mode
Voltage Range
VICM
25°C
0
-
VCC
-1.5
V
-
Large Signal Voltage Gain
AV
25°C
50
200
-
V/mV
VCC=15V, OUT=1.4 ~ 11.4V
RL
=15kΩ, VRL=15V
94
106
-
dB
Supply Current
ICC
25°C
-
0.8
2
mA
RL=∞, All Comparators
Output Sink Current
(Note 28)
ISINK
25°C
6
16
-
mA
-IN=1V, +IN=0V
OUT=1.5V
Output Saturation Voltage
(Low Level Output Voltage)
VOL
25°C
-
250
400
mV
-IN=1V, +IN=0V
ISINK=4mA
Output Leakage Current
(High Level Output Current)
ILEAK
25°C
-
0.1
-
nA
-IN=0V, +IN=1V
OUT=5V
25°C
-
-
1
μA
-IN=0V, +IN=1V
OUT=36V
Response Time
tRE
25°C
-
1.3
-
μs
RL
=5.1kΩ, VRL=5V
IN=100mVP-P, Overdrive=5mV
-
0.4
-
RL
=5.1kΩ, VRL=5V, IN=TTL
Logic Swing, VREF=1.4V
(Note 26) Absolute value
(Note 27) Current Direction: Because the first stage is composed with PNP transistor, input bias current flows out of IC.
(Note 28) Please determine the output current value in consideration of the power dissipation of the IC under high temperature environment.
When the output terminal is continuously shorted, output current may be reduced by the temperature rise of the IC.


유사한 부품 번호 - BA8391G-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BA8391G-TR ROHM-BA8391G-TR Datasheet
958Kb / 56P
   Ground Sense Comparator
More results

유사한 설명 - BA8391G-TR

제조업체부품명데이터시트상세설명
logo
Rohm
LM393F ROHM-LM393F Datasheet
1Mb / 23P
   Ground Sense Comparator
BA2903WF ROHM-BA2903WF Datasheet
958Kb / 56P
   Ground Sense Comparator
BA2901KN-E2 ROHM-BA2901KN-E2 Datasheet
958Kb / 56P
   Ground Sense Comparator
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com