전자부품 데이터시트 검색엔진 |
|
BA2903FVM-TR 데이터시트(PDF) 7 Page - Rohm |
|
BA2903FVM-TR 데이터시트(HTML) 7 Page - Rohm |
7 / 57 page Datasheet www.rohm.com TSZ02201-0RFR0G200200-1-2 ©2013 ROHM Co., Ltd. All rights reserved. 7/53 05.Jun.2015 Rev.004 TSZ22111 • 15 • 001 BA8391G BA10393F BA10339 Series BA2903 Series BA2901 Series Electrical Characteristics - continued ○BA10393F (Unless otherwise specified VCC=+5V, VEE=0V, TA=25°C) Parameter Symbol Temperature Range Limit Unit Conditions Min Typ Max Input Offset Voltage (Note 23) VIO 25°C - 1 5 mV OUT=1.4V Input Offset Current (Note 23) IIO 25°C - 5 50 nA OUT=1.4V Input Bias Current (Note 24) IB 25°C - 50 250 nA OUT=1.4V Input Common-mode Voltage Range VICM 25°C 0 - VCC -1.5 V - Large Signal Voltage Gain AV 25°C 50 200 - V/mV VCC=15V, OUT=1.4 ~ 11.4V RL =15kΩ, VRL=15V 94 106 - dB Supply Current ICC 25°C - 0.4 1 mA RL=∞, All Comparators Output Sink Current (Note 25) ISINK 25°C 6 16 - mA -IN=1V, +IN=0V OUT=1.5V Output Saturation Voltage (Low Level Output Voltage) VOL 25°C - 250 400 mV -IN=1V, +IN=0V ISINK=4mA Output Leakage Current (High Level Output Current) ILEAK 25°C - 0.1 - nA -IN=0V, +IN=1V OUT=5V 25°C - - 1 μA -IN=0V, +IN=1V OUT=36V Response Time tRE 25°C - 1.3 - μs RL =5.1kΩ, VRL=5V IN=100mVP-P, Overdrive=5mV - 0.4 - RL =5.1kΩ, VRL=5V, IN=TTL Logic Swing, VREF=1.4V (Note 23) Absolute value (Note 24) Current Direction: Because the first stage is composed with PNP transistor, input bias current flows out of IC. (Note 25) Please determine the output current value in consideration of the power dissipation of the IC under high temperature environment. When the output terminal is continuously shorted, output current may be reduced by the temperature rise of the IC. ○BA10339 xx(Unless otherwise specified VCC=+5V, VEE=0V, TA=25°C) Parameter Symbol Temperature Range Limit Unit Conditions Min Typ Max Input Offset Voltage (Note 26) VIO 25°C - 1 5 mV OUT=1.4V Input Offset Current (Note 26) IIO 25°C - 5 50 nA OUT=1.4V Input Bias Current (Note 27) IB 25°C - 50 250 nA OUT=1.4V Input Common-mode Voltage Range VICM 25°C 0 - VCC -1.5 V - Large Signal Voltage Gain AV 25°C 50 200 - V/mV VCC=15V, OUT=1.4 ~ 11.4V RL =15kΩ, VRL=15V 94 106 - dB Supply Current ICC 25°C - 0.8 2 mA RL=∞, All Comparators Output Sink Current (Note 28) ISINK 25°C 6 16 - mA -IN=1V, +IN=0V OUT=1.5V Output Saturation Voltage (Low Level Output Voltage) VOL 25°C - 250 400 mV -IN=1V, +IN=0V ISINK=4mA Output Leakage Current (High Level Output Current) ILEAK 25°C - 0.1 - nA -IN=0V, +IN=1V OUT=5V 25°C - - 1 μA -IN=0V, +IN=1V OUT=36V Response Time tRE 25°C - 1.3 - μs RL =5.1kΩ, VRL=5V IN=100mVP-P, Overdrive=5mV - 0.4 - RL =5.1kΩ, VRL=5V, IN=TTL Logic Swing, VREF=1.4V (Note 26) Absolute value (Note 27) Current Direction: Because the first stage is composed with PNP transistor, input bias current flows out of IC. (Note 28) Please determine the output current value in consideration of the power dissipation of the IC under high temperature environment. When the output terminal is continuously shorted, output current may be reduced by the temperature rise of the IC. |
유사한 부품 번호 - BA2903FVM-TR |
|
유사한 설명 - BA2903FVM-TR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |