전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD39001EKV-CE2 데이터시트(PDF) 8 Page - Rohm

부품명 BD39001EKV-CE2
상세설명  Buck-Boost Switching Regulator Watch Dog Timer
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD39001EKV-CE2 데이터시트(HTML) 8 Page - Rohm

Back Button BD39001EKV-CE2 Datasheet HTML 4Page - Rohm BD39001EKV-CE2 Datasheet HTML 5Page - Rohm BD39001EKV-CE2 Datasheet HTML 6Page - Rohm BD39001EKV-CE2 Datasheet HTML 7Page - Rohm BD39001EKV-CE2 Datasheet HTML 8Page - Rohm BD39001EKV-CE2 Datasheet HTML 9Page - Rohm BD39001EKV-CE2 Datasheet HTML 10Page - Rohm BD39001EKV-CE2 Datasheet HTML 11Page - Rohm BD39001EKV-CE2 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
8/52
Datasheet
Datasheet
BD39001EKV-C
© 2014 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Apr.7.2014 Rev.001
TSZ02201-0T3T0AM00120-1-2
0.780
0.785
0.790
0.795
0.800
0.805
0.810
-40
-10
20
50
80
110
Ambient Temperature: Ta [°C]
3.23
3.25
3.27
3.29
3.31
3.33
3.35
3.37
-40
-10
20
50
80
110
Ambient Temperature: Ta [°C]
Typical Performance Curves
Figure 1. Standby Current vs. Temperature
Figure 2. Circuit Current vs. Temperature
Figure 3. FB1 Voltage vs. Temperature
Figure 4. Output Voltage2 vs. Temperature
0
2
4
6
8
10
-40
-10
20
50
80
110
Ambient Temperature: Ta [°C]
5.00
6.00
7.00
8.00
9.00
10.00
11.00
12.00
-40
-10
20
50
80
110
Ambient Temperature: Ta [°C]


유사한 부품 번호 - BD39001EKV-CE2

제조업체부품명데이터시트상세설명
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
BD39002EFV-CE2 ROHM-BD39002EFV-CE2 Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
More results

유사한 설명 - BD39001EKV-CE2

제조업체부품명데이터시트상세설명
logo
Rohm
BD39002EFV-C ROHM-BD39002EFV-C Datasheet
1Mb / 47P
   Buck-Boost Switching Regulator Watch Dog Timer
logo
Analog Microelectronics
AME8510 AME-AME8510 Datasheet
65Kb / 10P
   Micropower uP Watch Dog Timer
AME8510 AME-AME8510 Datasheet
183Kb / 13P
   Micropower UP Watch Dog Timer
logo
Fujitsu Component Limit...
MB3773 FUJITSU-MB3773 Datasheet
601Kb / 29P
   Power Supply Monitor with Watch-Dog Timer
logo
Cypress Semiconductor
MB3773 CYPRESS-MB3773 Datasheet
695Kb / 31P
   Power Supply Monitor with Watch-Dog Timer
logo
Mitsumi Electronics, Co...
MM1099 MITSUMI-MM1099 Datasheet
171Kb / 7P
   System Reset (Built-in Watch Dog Timer)
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759 Datasheet
169Kb / 8P
   Buck-Boost Regulator
Rev. D, 03-Aug-09
logo
ON Semiconductor
FAN49100 ONSEMI-FAN49100 Datasheet
2Mb / 19P
   Buck-Boost Regulator
November 2016 Rev. 1.4
logo
Vishay Siliconix
SIP1759 VISHAY-SIP1759_V01 Datasheet
708Kb / 8P
   Buck-Boost Regulator
02-Oct-12
logo
Texas Instruments
MC33063A-Q1 TI-MC33063A-Q1 Datasheet
282Kb / 14P
[Old version datasheet]   1.5-A PEAK BOOST/BUCK/INVERTING SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com