전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD13385F5T 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD13385F5T
상세설명  12-V N-Channel FemtoFET MOSFET
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD13385F5T 데이터시트(HTML) 3 Page - Texas Instruments

  CSD13385F5T Datasheet HTML 1Page - Texas Instruments CSD13385F5T Datasheet HTML 2Page - Texas Instruments CSD13385F5T Datasheet HTML 3Page - Texas Instruments CSD13385F5T Datasheet HTML 4Page - Texas Instruments CSD13385F5T Datasheet HTML 5Page - Texas Instruments CSD13385F5T Datasheet HTML 6Page - Texas Instruments CSD13385F5T Datasheet HTML 7Page - Texas Instruments CSD13385F5T Datasheet HTML 8Page - Texas Instruments CSD13385F5T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
CSD13385F5
www.ti.com
SLPS612 – OCTOBER 2016
Product Folder Links: CSD13385F5
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Specifications
5.1 Electrical Characteristics
TA = 25°C (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC CHARACTERISTICS
BVDSS
Drain-to-source voltage
VGS = 0 V, IDS = 250 μA
12
V
IDSS
Drain-to-source leakage current
VGS = 0 V, VDS = 9.6 V
50
µA
IGSS
Gate-to-source leakage current
VDS = 0 V, VGS = 8 V
25
µA
VGS(th)
Gate-to-source threshold voltage
VDS = VGS, IDS = 250 μA
0.5
0.8
1.2
V
RDS(on)
Drain-to-source on resistance
VGS = 1.8 V, IDS = 0.1 A
26
50
m
VGS = 2.5 V, IDS = 0.9 A
18
23
VGS = 4.5 V, IDS = 0.9 A
15
19
gfs
Transconductance
VDS = 1.2 V, IDS = 0.9 A
11.3
S
DYNAMIC CHARACTERISTICS
Ciss
Input capacitance
VGS = 0 V, VDS = 6 V,
ƒ = 1 MHz
519
674
pF
Coss
Output capacitance
305
396
pF
Crss
Reverse transfer capacitance
29
38
pF
RG
Series gate resistance
20
Qg
Gate charge total (4.5 V)
VDS = 6 V, IDS = 0.9 A
3.9
5.0
nC
Qgd
Gate charge gate-to-drain
0.39
nC
Qgs
Gate charge gate-to-source
0.74
nC
Qg(th)
Gate charge at Vth
0.46
nC
Qoss
Output charge
VDS = 6 V, VGS = 0 V
2.5
nC
td(on)
Turnon delay time
VDS = 6 V, VGS = 4.5 V,
IDS = 0.9 A, RG = 2 Ω
7
ns
tr
Rise time
10
ns
td(off)
Turnoff delay time
33
ns
tf
Fall time
10
ns
DIODE CHARACTERISTICS
VSD
Diode forward voltage
ISD = 0.9 A, VGS = 0 V
0.67
1.0
V
(1)
Device mounted on FR4 material with 1-in2 (6.45-cm2), 2-oz (0.071-mm) thick Cu.
(2)
Device mounted on FR4 material with minimum Cu mounting area.
5.2 Thermal Information
TA = 25°C (unless otherwise stated)
THERMAL METRIC
MIN
TYP
MAX
UNIT
RθJA
Junction-to-ambient thermal resistance(1)
90
°C/W
Junction-to-ambient thermal resistance(2)
245


유사한 부품 번호 - CSD13385F5T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13380F3T TI1-CSD13380F3T Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
[Old version datasheet]   CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD13381F4T TI1-CSD13381F4T Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
More results

유사한 설명 - CSD13385F5T

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
[Old version datasheet]   12 V, N-Channel FemtoFET??MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
[Old version datasheet]   12-V N-Channel FemtoFET MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD13383F4 12 V N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
572Kb / 9P
[Old version datasheet]   CSD13381F4, 12 V N-Channel FemtoFET MOSFET
CSD23285F5 TI1-CSD23285F5 Datasheet
1Mb / 14P
[Old version datasheet]   12-V, P-Channel FemtoFET MOSFET
CSD23382F4 TI1-CSD23382F4 Datasheet
761Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4_16 Datasheet
801Kb / 13P
[Old version datasheet]   12 V P-Channel FemtoFET MOSFET
CSD23381F4 TI1-CSD23381F4 Datasheet
786Kb / 12P
[Old version datasheet]   CSD23381F4, 12 V P-Channel FemtoFET MOSFET
CSD23382F4 TI-CSD23382F4_15 Datasheet
1Mb / 15P
[Old version datasheet]   CSD23382F4 12 V P-Channel FemtoFET MOSFET
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
[Old version datasheet]   30 V, N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com