전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM341T-15 데이터시트(PDF) 7 Page - Texas Instruments

부품명 LM341T-15
상세설명  3-Terminal Positive Voltage Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM341T-15 데이터시트(HTML) 7 Page - Texas Instruments

Back Button LM341T-15 Datasheet HTML 3Page - Texas Instruments LM341T-15 Datasheet HTML 4Page - Texas Instruments LM341T-15 Datasheet HTML 5Page - Texas Instruments LM341T-15 Datasheet HTML 6Page - Texas Instruments LM341T-15 Datasheet HTML 7Page - Texas Instruments LM341T-15 Datasheet HTML 8Page - Texas Instruments LM341T-15 Datasheet HTML 9Page - Texas Instruments LM341T-15 Datasheet HTML 10Page - Texas Instruments LM341T-15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LM341/LM78MXX
www.ti.com
SNVS090E – MAY 2004 – REVISED AUGUST 2005
DESIGN CONSIDERATIONS
The LM78MXX/LM341XX fixed voltage regulator series has built-in thermal overload protection which prevents
the device from being damaged due to excessive junction temperature.
The regulators also contain internal short-circuit protection which limits the maximum output current, and safe-
area protection for the pass transistor which reduces the short-circuit current as the voltage across the pass
transistor is increased.
Although the internal power dissipation is automatically limited, the maximum junction temperature of the device
must be kept below +125°C in order to meet data sheet specifications. An adequate heatsink should be provided
to assure this limit is not exceeded under worst-case operating conditions (maximum input voltage and load
current) if reliable performance is to be obtained).
HEATSINK CONSIDERATIONS
When an integrated circuit operates with appreciable current, its junction temperature is elevated. It is important
to quantify its thermal limits in order to achieve acceptable performance and reliability. This limit is determined by
summing the individual parts consisting of a series of temperature rises from the semiconductor junction to the
operating environment. A one-dimension steady-state model of conduction heat transfer is demonstrated in
Figure 14 The heat generated at the device junction flows through the die to the die attach pad, through the lead
frame to the surrounding case material, to the printed circuit board, and eventually to the ambient environment.
Below is a list of variables that may affect the thermal resistance and in turn the need for a heatsink.
RθJC (Component Variables)
RθCA (Application Variables)
Leadframe Size & Material
Mounting Pad Size, Material, & Location
No. of Conduction Pins
Placement of Mounting Pad
Die Size
PCB Size & Material
Die Attach Material
Traces Length & Width
Molding Compound Size and Material
Adjacent Heat Sources
Volume of Air
Air Flow
Ambient Temperature
Shape of Mounting Pad
Copyright © 2004–2005, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM341/LM78MXX


유사한 부품 번호 - LM341T-15

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM341T-15 NSC-LM341T-15 Datasheet
310Kb / 11P
   3-Terminal Positive Voltage Regulators
logo
Texas Instruments
LM341T-15 TI1-LM341T-15 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
LM341T-15 TI-LM341T-15 Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
LM341T-15/NOPB TI-LM341T-15/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   Series 3-Terminal Positive Voltage Regulators
More results

유사한 설명 - LM341T-15

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM341-12 TI1-LM341-12 Datasheet
729Kb / 13P
[Old version datasheet]   3-Terminal Positive Voltage Regulators
logo
GTM CORPORATION
G3U78XXA GTM-G3U78XXA Datasheet
206Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GI78XX GTM-GI78XX Datasheet
201Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XX GTM-GJ78XX Datasheet
197Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GJ78XXA GTM-GJ78XXA Datasheet
168Kb / 6P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Bookly Micro electronic
BM7805 BOOKLY-BM7805 Datasheet
222Kb / 8P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
GTM CORPORATION
GE78XX GTM-GE78XX Datasheet
207Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
G3U78XX GTM-G3U78XX Datasheet
231Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
GU78XX GTM-GU78XX Datasheet
240Kb / 7P
   3-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
AX78LXX ETC-AX78LXX Datasheet
223Kb / 10P
   3-Terminal Positive Voltage Regulators
AX78XX ETC-AX78XX Datasheet
222Kb / 11P
   3-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com