전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100E310 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC100E310
상세설명  5 V ECL Low Voltage 2:8 Differential Fanout Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E310 데이터시트(HTML) 1 Page - ON Semiconductor

  MC100E310_16 Datasheet HTML 1Page - ON Semiconductor MC100E310_16 Datasheet HTML 2Page - ON Semiconductor MC100E310_16 Datasheet HTML 3Page - ON Semiconductor MC100E310_16 Datasheet HTML 4Page - ON Semiconductor MC100E310_16 Datasheet HTML 5Page - ON Semiconductor MC100E310_16 Datasheet HTML 6Page - ON Semiconductor MC100E310_16 Datasheet HTML 7Page - ON Semiconductor MC100E310_16 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 7
1
Publication Order Number:
MC100E310/D
MC100E310
5 V ECL Low Voltage 2:8
Differential Fanout Buffer
Description
The MC100E310 is a low voltage, low skew 2:8 differential ECL
fanout buffer designed with clock distribution in mind. The device
features fully differential clock paths to minimize both device and
system skew. The E310 offers two selectable clock inputs to allow for
redundant or test clocks to be incorporated into the system clock trees.
The lowest TPD delay time results from terminating only one output
pair, and the greatest TPD delay time results from terminating all the
output pairs. This shift is about 10−20 pS in TPD. The skew between
any two output pairs within a device is typically about 25 nS. If other
output pairs are not terminated, the lowest TPD delay time results
from both output pairs and the skew is typically 25 nS. When all
outputs are terminated, the greatest TPD (delay time) occurs and all
outputs display about the same 10−20 ps increase in TPD, so the
relative skew between any two output pairs remains about 25 ns.
For more information on using PECL, designers should refer to
ON Semiconductor Application Note AN1406/D.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
The 100 Series Contains Temperature Compensation.
Features
Dual Differential Fanout Buffers
200 ps Part-to-Part Skew
50 ps Output-to-Output Skew
28-lead PLCC Packaging
Q Output will Default LOW with Inputs Open or at VEE
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input 50 kW Pulldown Resistors
ESD Protection:
> 2 kV Human Body Model
> 200 V Machine Model
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity: Level 3 (Pb-Free)
(For Additional Information, see Application Note AND8003/D)
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 212 Devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
MARKING DIAGRAM*
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb-Free Package
PLCC−28
FN SUFFIX
CASE 776−02
www.onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
MC100E310FNG
AWLYYWW
128
ORDERING INFORMATION
Device
Package
Shipping†
MC100E310FNG
PLCC−28
(Pb-Free)
37 Units / Tube
MC100E310FNR2G
500 Tape & Reel
PLCC−28
(Pb-Free)
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


유사한 부품 번호 - MC100E310_16

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100E310FN ONSEMI-MC100E310FN Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNG ONSEMI-MC100E310FNG Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNR2 ONSEMI-MC100E310FNR2 Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100E310FNR2G ONSEMI-MC100E310FNR2G Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
More results

유사한 설명 - MC100E310_16

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100E310 ONSEMI-MC100E310 Datasheet
133Kb / 8P
   5V ECL Low Voltage 2:8 Differential Fanout Buffer
October, 2006 ??Rev. 5
MC100LVE310 ONSEMI-MC100LVE310_16 Datasheet
158Kb / 7P
   3.3 V ECL 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 6
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100LVE310 ONSEMI-MC100LVE310 Datasheet
130Kb / 6P
   LOW VOLTAGE 2:8 DIFFERENTIAL FANOUT BUFFER
1996 REV 0.1
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC10EL11 ONSEMI-MC10EL11_16 Datasheet
166Kb / 8P
   5.0V ECL 1:2 Differential Fanout Buffer
July, 2016??Rev. 11
MC10EL11 ONSEMI-MC10EL11_06 Datasheet
150Kb / 9P
   5.0 V ECL 1:2 Differential Fanout Buffer
December, 2006??Rev. 9
MC10EP11 ONSEMI-MC10EP11_16 Datasheet
191Kb / 12P
   ECL 1:2 Differential Fanout Buffer
July, 2016 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11_16 Datasheet
249Kb / 13P
   ECL 1:2 Differential Fanout Buffer
August, 2016 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com