전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EL39 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC100EL39
상세설명  5 V ECL Clock Generation Chip
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL39 데이터시트(HTML) 4 Page - ON Semiconductor

  MC100EL39_16 Datasheet HTML 1Page - ON Semiconductor MC100EL39_16 Datasheet HTML 2Page - ON Semiconductor MC100EL39_16 Datasheet HTML 3Page - ON Semiconductor MC100EL39_16 Datasheet HTML 4Page - ON Semiconductor MC100EL39_16 Datasheet HTML 5Page - ON Semiconductor MC100EL39_16 Datasheet HTML 6Page - ON Semiconductor MC100EL39_16 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC100EL39
www.onsemi.com
4
Table 5. 100EL SERIES NECL DC CHARACTERISTICS (VCC = 0.0 V; VEE = −5.0 V (Note 1))
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
50
59
50
59
54
61
mA
VOH
Output HIGH Voltage (Note 2)
−1085 −1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 2)
−1830 −1695 −1555
−1810 −1705 −1620
−1810 −1705 −1620
mV
VIH
Input HIGH Voltage (Single-Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single-Ended)
−1810
−1475 −1810
−1475 −1810
−1475
mV
VBB
Output Voltage Reference
−1.38
−1.26
−1.38
−1.26
−1.38
−1.26
V
VIHCMR Common Mode Range (Differential)
(Note 3)
VPP < 500 Mv
VPP ≥ 500 mV
−3.7
−3.5
−0.4
−0.4
−3.8
−3.6
−0.4
−0.4
−3.8
−3.6
−0.4
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1.0 V.
Table 6. AC CHARACTERISTICS (VCC = 5.0 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fMAX
Maximum Toggle Frequency
1.0
1.0
1.0
GHz
tPLH
tPHL
Propagation Delay to Output
CLK → Q (Differential)
CLK → Q (Single-Ended)
MR → Q
850
850
600
1150
1150
900
900
900
610
1200
1200
910
950
950
630
1250
1250
930
ps
tSKEW
Within-Device Skew (Note 2)
Q0−Q3
Part-to-Part
Q0−Q3 (Diff)
50
200
50
200
50
200
ps
tJITTER
Random CLOCK Jitter (RMS) @ 1.0 GHz
2.0
3.0
2.0
3.0
2.0
3.0
ps
tS
Setup Time
EN → CLK
DIVSEL → CLK
250
400
250
400
250
400
ps
tH
Hold Time
CLK → EN
CLK → Div_Sel
100
150
100
150
100
150
ps
VPP
Input Swing (Note 3)
150
1000
150
1000
150
1000
mV
tRR
Reset Recovery Time
100
100
100
ps
tPW
Minimum Pulse Width
CLK
MR
500
700
500
700
500
700
ps
tr, tf
Output Rise/Fall Times Q (20%−80%)
280
550
280
550
280
550
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification
limit values are applied individually under normal operating conditions and not valid simultaneously.
1. VEE can vary +0.8 V / −0.5 V. Outputs are terminated through 50 W resistor to VCC − 2.0 V.
2. Skew is measured between outputs under identical transitions.
3. VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈40.


유사한 부품 번호 - MC100EL39_16

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC100EL39DW MOTOROLA-MC100EL39DW Datasheet
127Kb / 4P
   첨2/4,첨4/6 Clock Generation Chip
logo
ON Semiconductor
MC100EL39DW ONSEMI-MC100EL39DW Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100EL39DWG ONSEMI-MC100EL39DWG Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100EL39DWR2 ONSEMI-MC100EL39DWR2 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
MC100EL39DWR2G ONSEMI-MC100EL39DWR2G Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
More results

유사한 설명 - MC100EL39_16

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EL38 ONSEMI-MC100EL38 Datasheet
160Kb / 6P
   5V ECL Clock Generation Chip
July, 2016 ??Rev. 9
MC100LVEL39 ONSEMI-MC100LVEL39_16 Datasheet
160Kb / 6P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
MC10EP139 ONSEMI-MC10EP139_06 Datasheet
192Kb / 14P
   3.3V / 5V ECL 첨2/4, 첨4/5/6 Clock Generation Chip
December, 2006 ??Rev. 7
MC10EP139 ONSEMI-MC10EP139 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com