전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EL56 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC100EL56
상세설명  5V ECL Dual Differential 2:1 Multiplexer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL56 데이터시트(HTML) 4 Page - ON Semiconductor

  MC100EL56 Datasheet HTML 1Page - ON Semiconductor MC100EL56 Datasheet HTML 2Page - ON Semiconductor MC100EL56 Datasheet HTML 3Page - ON Semiconductor MC100EL56 Datasheet HTML 4Page - ON Semiconductor MC100EL56 Datasheet HTML 5Page - ON Semiconductor MC100EL56 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC100EL56
www.onsemi.com
4
Table 6. 100EL SERIES NECL DC CHARACTERISTICS (VCC = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
20
24
20
24
20
24
mA
VOH
Output HIGH Voltage (Note 2)
−1085 −1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 2)
−1830 −1695
−1555
−1810
−1705
−1620
−1810
−1705
−1620
mV
VIH
Input HIGH Voltage (Single-Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage (Single-Ended)
−1810
−1475
−1810
−1475
−1810
−1475
mV
VBB
Output Voltage Reference
−1.38
−1.26
−1.38
−1.26
−1.38
−1.26
V
VIHCMR Common Mode Range
(Differential Configuration) (Note 3)
VPP t 500 mV
VPP ≥ 500 mV
−3.7
−3.5
−0.4
−0.4
−3.8
−3.6
−0.4
−0.4
−3.8
−3.6
−0.4
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.8 V / −0.5 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
3. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential
input signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin
and 1 V.
Table 7. AC CHARACTERISTICS (VCC = 5.0 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −5.0 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency
1
GHz
tPLH
tPHL
Propagation Delay to Output
D
SEL
COMSEL
400
430
430
600
730
730
420
440
440
620
740
740
440
450
450
640
750
750
ps
tSKEW
Within-Device Skew (Note 2)
40
80
40
80
40
80
ps
tSKEW
Duty Cycle Skew (Note 3)
100
100
100
ps
tJITTER
Random Clock Jitter (RMS)
1.5
ps
VPP
Input Swing (Note 4)
150
1000
150
1000
150
1000
mV
tr
tf
Output Rise/Fall Times Q
(20% − 80%)
200
540
200
540
200
540
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. VEE can vary +0.8 V / −0.5 V.
2. Within-device skew is defined as identical transitions on similar paths through a device.
3. Duty cycle skew is defined only for differential operation when the delays are measured from the cross point of the inputs to the cross point
of the outputs.
4. VPP(min) is minimum input swing for which AC parameters guaranteed. The device has a DC gain of ≈ 40.


유사한 부품 번호 - MC100EL56

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56 Datasheet
113Kb / 4P
   Dual Differential 2:1 Multiplexer
1996 REV 1
MC100EL56 ONSEMI-MC100EL56 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56DW ONSEMI-MC100EL56DW Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56DWG ONSEMI-MC100EL56DWG Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC100EL56DWR2 ONSEMI-MC100EL56DWR2 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
More results

유사한 설명 - MC100EL56

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EL56 ONSEMI-MC100EL56_06 Datasheet
117Kb / 6P
   5V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 7
MC10EP56 ONSEMI-MC10EP56_06 Datasheet
182Kb / 11P
   3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2006 ??Rev. 14
MC10E457 ONSEMI-MC10E457_16 Datasheet
167Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
July, 2016 ??Rev. 9
NB100LVEP56 ONSEMI-NB100LVEP56 Datasheet
153Kb / 14P
   2.5V / 3.3V / 5V ECL Dual Differential 2:1 Multiplexer
December, 2004 ??Rev. 5
MC10E457 ONSEMI-MC10E457_06 Datasheet
135Kb / 9P
   5V ECL Triple Differential 2:1 Multiplexer
November, 2006 ??Rev. 8
MC10EP56 ONSEMI-MC10EP56_14 Datasheet
127Kb / 11P
   ECL Dual Differential 2:1 Multiplexer
April, 2014 ??Rev. 17
logo
Micrel Semiconductor
SY100EP56V MICREL-SY100EP56V Datasheet
478Kb / 8P
   3.3V/5V PECL/ECL 3GHz DUAL DIFFERENTIAL 2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EL57 ONSEMI-MC10EL57_06 Datasheet
124Kb / 8P
   5V ECL 4:1 Differential Multiplexer
November, 2006 ??Rev. 7
logo
Maxim Integrated Produc...
MAX9384 MAXIM-MAX9384 Datasheet
235Kb / 10P
   ECL/PECL Dual Differential 2:1 Multiplexer
Rev 0; 7/02
logo
ON Semiconductor
MC100LVEL56 ONSEMI-MC100LVEL56_06 Datasheet
120Kb / 7P
   3.3V ECL Dual Differential 2:1 Multiplexer
November, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com