전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EP14 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC100EP14
상세설명  3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP14 데이터시트(HTML) 1 Page - ON Semiconductor

  MC100EP14_14 Datasheet HTML 1Page - ON Semiconductor MC100EP14_14 Datasheet HTML 2Page - ON Semiconductor MC100EP14_14 Datasheet HTML 3Page - ON Semiconductor MC100EP14_14 Datasheet HTML 4Page - ON Semiconductor MC100EP14_14 Datasheet HTML 5Page - ON Semiconductor MC100EP14_14 Datasheet HTML 6Page - ON Semiconductor MC100EP14_14 Datasheet HTML 7Page - ON Semiconductor MC100EP14_14 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2014
April, 2014 − Rev. 7
1
Publication Order Number:
MC100EP14/D
MC100EP14
3.3V / 5V 1:5 Differential
ECL/PECL/HSTL Clock Driver
Description
The MC100EP14 is a low skew 1−to−5 differential driver, designed with
clock distribution in mind, accepting two clock sources into an input
multiplexer. The ECL/PECL input signals can be either differential or
single−ended (if the VBB output is used). HSTL inputs can be used when
the LVEP14 is operating under PECL conditions.
The EP14 specifically guarantees low output−to−output skew. Optimal
design, layout, and processing minimize skew within a device and from
device to device.
To ensure that the tight skew specification is realized, both sides of
any differential output need to be terminated even if only one output is
being used. If an output pair is unused, both outputs may be left open
(unterminated) without affecting skew.
The common enable (EN) is synchronous, outputs are enabled/
disabled in the LOW state. This avoids a runt clock pulse when the
device is enabled/disabled as can happen with an asynchronous
control. The internal flip flop is clocked on the falling edge of the input
clock, therefore all associated specification limits are referenced to the
negative edge of the clock input.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single−ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01
mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
Features
400 ps Typical Propagation Delay
100 ps Device−to−Device Skew
25 ps Within Device Skew
Maximum Frequency > 2 GHz Typical
The 100 Series Contains Temperature Compensation
PECL and HSTL Mode:
VCC = 3.0 V to 5.5 V with VEE = 0 V
NECL Mode:
VCC = 0 V with VEE = −3.0 V to −5.5 V
Open Input Default State
These are Pb−Free Devices
TSSOP−20
DT SUFFIX
CASE 948E
MARKING DIAGRAM*
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
http://onsemi.com
100
EP14
ALYW
G
G
1
20
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
(Note: Microdot may be in either location)


유사한 부품 번호 - MC100EP14_14

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP140 ONSEMI-MC100EP140 Datasheet
55Kb / 8P
   3.3VECL Phase-Frequency Detector
September, 2002 ??Rev. 5
MC100EP140 ONSEMI-MC100EP140 Datasheet
117Kb / 6P
   3.3V ECL Phase?묯requency Detector
November, 2006 ??Rev. 9
MC100EP140D ONSEMI-MC100EP140D Datasheet
55Kb / 8P
   3.3VECL Phase-Frequency Detector
September, 2002 ??Rev. 5
MC100EP140D ONSEMI-MC100EP140D Datasheet
117Kb / 6P
   3.3V ECL Phase?묯requency Detector
November, 2006 ??Rev. 9
MC100EP140DG ONSEMI-MC100EP140DG Datasheet
117Kb / 6P
   3.3V ECL Phase?묯requency Detector
November, 2006 ??Rev. 9
More results

유사한 설명 - MC100EP14_14

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP14 ONSEMI-MC100EP14 Datasheet
66Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
June, 2004 ??Rev. 3
MC100EP14 ONSEMI-MC100EP14_06 Datasheet
132Kb / 9P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 5
MC100LVEP14 ONSEMI-MC100LVEP14_06 Datasheet
137Kb / 9P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 11
MC100LVEP14 ONSEMI-MC100LVEP14_14 Datasheet
96Kb / 7P
   2.5V / 3.3V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 14
MC100LVEP210 ONSEMI-MC100LVEP210_06 Datasheet
159Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
June, 2006 ??Rev. 12
MC100LVEP210 ONSEMI-MC100LVEP210_14 Datasheet
109Kb / 9P
   2.5V / 3.3V 1:5 Dual Differential ECL/PECL/HSTL Clock Driver
May, 2014 ??Rev. 15
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
NB100LVEP221 ONSEMI-NB100LVEP221_06 Datasheet
165Kb / 11P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
November, 2006 ??Rev. 7
MC100LVEP111 ONSEMI-MC100LVEP111_06 Datasheet
155Kb / 10P
   2.5V / 3.3V 1:10 Differential ECL/PECL/HSTL Clock Driver
November, 2006 ??Rev. 13
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com