전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2909MDWREP 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 UC2909MDWREP
상세설명  SWITCHMODE LEAD-ACID BATTERY CHARGER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC2909MDWREP 데이터시트(HTML) 1 Page - Texas Instruments

  UC2909MDWREP Datasheet HTML 1Page - Texas Instruments UC2909MDWREP Datasheet HTML 2Page - Texas Instruments UC2909MDWREP Datasheet HTML 3Page - Texas Instruments UC2909MDWREP Datasheet HTML 4Page - Texas Instruments UC2909MDWREP Datasheet HTML 5Page - Texas Instruments UC2909MDWREP Datasheet HTML 6Page - Texas Instruments UC2909MDWREP Datasheet HTML 7Page - Texas Instruments UC2909MDWREP Datasheet HTML 8Page - Texas Instruments UC2909MDWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
UC2909-EP
www.ti.com
SLUSA72 – JULY 2010
SWITCHMODE LEAD-ACID BATTERY CHARGER
Check for Samples: UC2909-EP
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
Accurate and Efficient Control of Battery
Controlled Baseline
Charging
One Assembly/Test Site
Average Current Mode Control from Trickle to
One Fabrication Site
Overcharge
Available in Military (–55°C/125°C)
Resistor Programmable Charge Currents
Temperature Range(1)
Thermistor Interface Tracks Battery
Extended Product Life Cycle
Requirements Over Temperature
Extended Product-Change Notification
Output Status Bits Report on Four Internal
Product Traceability
Charge States
Not to Exceed 185.35-KHz Oscillation
Undervoltage Lockout Monitors VCC and
Frequency at 125°C
VREF
(1)
Additional temperature ranges available - contact factory
DESCRIPTION
The UC2909 controls lead acid battery charging with a highly efficient average current mode control loop. This
chip combines charge state logic with average current PWM control circuitry. Charge state logic commands
current or voltage control depending on the charge state. The chip includes undervoltage lockout circuitry to
insure sufficient supply voltage is present before output switching starts. Additional circuit blocks include a
differential current sense amplifier, a 1.5% voltage reference, a –3.9-mV/°C thermistor linearization circuit,
voltage and current error amplifiers, a PWM oscillator, a PWM comparator, a PWM latch, charge state decode
bits, and a 100-mA open collector output driver.
FUNCTION BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - UC2909MDWREP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2909MDWREP TI1-UC2909MDWREP Datasheet
716Kb / 18P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
More results

유사한 설명 - UC2909MDWREP

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
UC3909Q TI-UC3909Q Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909 TI-UC2909 Datasheet
401Kb / 10P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI1-UC2909-EP Datasheet
716Kb / 18P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Kasin Electronics Corpo...
KA35S281 KASIN-KA35S281 Datasheet
1Mb / 19P
   Lead-Acid Battery Charger
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com