전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EP196B 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 MC100EP196B
상세설명  ECL Programmable Delay Chip With FTUNE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196B 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button MC100EP196B_14 Datasheet HTML 6Page - ON Semiconductor MC100EP196B_14 Datasheet HTML 7Page - ON Semiconductor MC100EP196B_14 Datasheet HTML 8Page - ON Semiconductor MC100EP196B_14 Datasheet HTML 9Page - ON Semiconductor MC100EP196B_14 Datasheet HTML 10Page - ON Semiconductor MC100EP196B_14 Datasheet HTML 11Page - ON Semiconductor MC100EP196B_14 Datasheet HTML 12Page - ON Semiconductor MC100EP196B_14 Datasheet HTML 13Page - ON Semiconductor MC100EP196B_14 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
MC100EP196B
http://onsemi.com
10
Table 11. AC CHARACTERISTICS VCC = 0 V; VEE = −3.0 V to −3.6 V or VCC = 3.0 V to 3.6 V; VEE = 0 V (Note 14)
Symbol
Characteristic
−40
°C
25
°C
85
°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Frequency
1.2
1.2
1.2
GHz
Voutpp
Output Voltage Amplitude
610
820
610
820
610
820
mV
tPLH
tPHL
Propagation Delay
IN to Q; D(0−10) = 0, SETMIN
IN to Q; D(0−10) = 1023, SETMAX
EN to Q; D(0−10) = 0
D0 to CASCADE
2000
10900
1990
375
2400
12400
2500
475
2800
13900
2990
575
2150
11500
2130
400
2500
13000
2600
500
2950
14500
3130
600
2250
12250
2380
425
2700
13750
2800
525
3050
15250
3380
625
ps
tRANGE
Programmable Range
tPD (max) − tPD (min)
8950
9950
10950
9450
10450
11450
10110
11100
12110
ps
Dt
Step Delay (Note 15)
D0 High
D1 High
D2 High
D3 High
D4 High
D5 High
D6 High
D7 High
D8 High
D9 High
10
16
32
65
155
310
620
1200
2500
4900
11
18
33
72
166
325
650
1300
2600
5200
15
26
46
92
195
370
720
1400
2800
5500
ps
NLIN
Non−Linearity (Notes 16 and 17)
0 to 511 decimal values for D[9:0] range
512 to 1023 dec. values for D[9:0] range
1 to 1023 decimal values for D[9:0] range
±7.0
±7.0
±11
±7.0
±7.0
±11
±7.0
±7.0
±11
ps
tSKEW
Duty Cycle Skew (Note 18) |tPHL−tPLH|
25
90
25
90
25
90
ps
ts
Setup Time
D to LEN
D to IN (Note 19)
EN to IN (Note 20)
200
500
300
−40
−550
100
200
500
300
−40
−590
100
200
500
300
−40
−650
120
ps
th
Hold Time
LEN to D
IN to EN (Note 21)
200
400
50
−320
200
400
40
−350
200
400
30
−400
ps
tR
Release Time
EN to IN (Note 22)
SET MAX to LEN
SET MIN to LEN
300
400
350
−150
180
220
300
400
350
−170
200
250
300
400
350
−200
210
260
ps
tjitter
RMS Random Clock Jitter @ 1.2 GHz
IN to Q; D(0:10) = 0 or SETMIN
IN to Q; D(0:10) = 1023 or SETMAX
0.9
1.9
2.0
5.0
1.1
2.6
2.0
5.0
1.2
3.3
2.0
5.0
ps
VPP
Input Voltage Swing
(Differential Configuration)
150
800
1200
150
800
1200
150
800
1200
mV
tr
tf
Output Rise/Fall Time @ 50 MHz
20−80% (Q)
20−80% (CASCADE)
85
110
115
160
140
210
100
120
120
175
140
230
100
120
130
190
165
250
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
14. Measured using a 750 mV source, 50% duty cycle clock source. All loading with 50
W to VCC − 2.0 V.
15. Specification limits represent the amount of delay added with the assertion of each individual delay control pin. The various combinations
of asserted delay control inputs will typically realize D0 resolution steps across the specified programmable range.
16. Deviation from a linear delay (actual Min to Max) in the 1024 programmable steps.
17. For NLIN, Max temperature is 70
°C.
18. Duty cycle skew guaranteed only for differential operation measured from the cross point of the input to the cross point of the output.
19. This setup time defines the amount of time prior to the input signal the delay tap of the device must be set.
20. This setup time is the minimum time that EN must be asserted prior to the next transition of IN/IN to prevent an output response greater than
±75 mV to that IN/IN transition.
21. This hold time is the minimum time that EN must remain asserted after a negative going IN or positive going IN to prevent an output response
greater than
±75 mV to that IN/IN transition.
22. This release time is the minimum time that EN must be deasserted prior to the next IN/IN transition to ensure an output response that meets
the specified IN to Q propagation delay and transition times.


유사한 부품 번호 - MC100EP196B_14

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP196BFA ONSEMI-MC100EP196BFA Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP196BFAG ONSEMI-MC100EP196BFAG Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP196BFAR2 ONSEMI-MC100EP196BFAR2 Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP196BFAR2G ONSEMI-MC100EP196BFAR2G Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC100EP196BMNG ONSEMI-MC100EP196BMNG Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
More results

유사한 설명 - MC100EP196B_14

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com