전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EP196BMNR4G 데이터시트(PDF) 6 Page - ON Semiconductor

부품명 MC100EP196BMNR4G
상세설명  ECL Programmable Delay Chip With FTUNE
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP196BMNR4G 데이터시트(HTML) 6 Page - ON Semiconductor

Back Button MC100EP196BMNR4G Datasheet HTML 2Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 3Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 4Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 5Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 6Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 7Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 8Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 9Page - ON Semiconductor MC100EP196BMNR4G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MC100EP196B
http://onsemi.com
6
Table 6. THEORETICAL DELAY VALUES
D(9:0) Value
SETMIN
SETMAX
Programmable Delay*
XXXXXXXXXX
H
L
0 ps
0000000000
L
L
0 ps
0000000001
L
L
10 ps
0000000010
L
L
20 ps
0000000011
L
L
30 ps
0000000100
L
L
40 ps
0000000101
L
L
50 ps
0000000110
L
L
60 ps
0000000111
L
L
70 ps
0000001000
L
L
80 ps
0000010000
L
L
160 ps
0000100000
L
L
320 ps
0001000000
L
L
640 ps
0010000000
L
L
1280 ps
0100000000
L
L
2560 ps
1000000000
L
L
5120 ps
1111111111
L
L
10230 ps
XXXXXXXXXX
L
H
10240 ps
*Fixed minimum delay not included.
Table 7. TYPICAL FTUNE DELAY PIN
Input Range
Output Range
VCC−VEE (V)
0 − 60 (ps)


유사한 부품 번호 - MC100EP196BMNR4G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP196BMNR4G ONSEMI-MC100EP196BMNR4G Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
More results

유사한 설명 - MC100EP196BMNR4G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP196 ONSEMI-MC100EP196 Datasheet
146Kb / 20P
   3.3V ECL Programmable Delay Chip with FTUNE
October, 2004 ??Rev. 10
MC100EP196 ONSEMI-MC100EP196_06 Datasheet
215Kb / 18P
   3.3V ECL Programmable Delay Chip with FTUNE
November, 2006 ??Rev. 12
MC100EP196 ONSEMI-MC100EP196_14 Datasheet
151Kb / 19P
   3.3V ECL Programmable Delay Chip with FTUNE
June, 2014 ??Rev. 16
MC100EP196B ONSEMI-MC100EP196B Datasheet
232Kb / 18P
   3.3 V ECL Programmable Delay Chip With FTUNE
April, 2008 ??Rev. 1
MC10EP195 ONSEMI-MC10EP195_14 Datasheet
156Kb / 19P
   ECL Programmable Delay Chip
June, 2014 ??Rev. 19
MC100EP195B ONSEMI-MC100EP195B_14 Datasheet
147Kb / 17P
   3.3V ECL Programmable Delay Chip
June, 2014 ??Rev. 2
MC10EP195 ONSEMI-MC10EP195_06 Datasheet
220Kb / 20P
   3.3V ECL Programmable Delay Chip
December, 2006 ??Rev. 16
MC10E195 ONSEMI-MC10E195_16 Datasheet
183Kb / 11P
   5V ECL Programmable Delay Chip
July, 2016 ??Rev. 11
MC100EP195B ONSEMI-MC100EP195B Datasheet
189Kb / 17P
   3.3V ECL Programmable Delay Chip
September, 2008 ??Rev. 1
MC100EP195FA ONSEMI-MC100EP195FA Datasheet
127Kb / 20P
   3.3V ECL Programmable Delay Chip
October, 2004 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com