전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100EP809MNG 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC100EP809MNG
상세설명  Differentia HSTL/PECL/LVDS to HSTL Clock Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP809MNG 데이터시트(HTML) 1 Page - ON Semiconductor

  MC100EP809MNG Datasheet HTML 1Page - ON Semiconductor MC100EP809MNG Datasheet HTML 2Page - ON Semiconductor MC100EP809MNG Datasheet HTML 3Page - ON Semiconductor MC100EP809MNG Datasheet HTML 4Page - ON Semiconductor MC100EP809MNG Datasheet HTML 5Page - ON Semiconductor MC100EP809MNG Datasheet HTML 6Page - ON Semiconductor MC100EP809MNG Datasheet HTML 7Page - ON Semiconductor MC100EP809MNG Datasheet HTML 8Page - ON Semiconductor MC100EP809MNG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2015
April, 2015 − Rev. 10
1
Publication Order Number:
MC100EP809/D
MC100EP809
3.3V 2:1:9 Differential
HSTL/PECL/LVDS to HSTL
Clock Driver with LVTTL
Clock Select and Enable
Description
The MC100EP809 is a low skew 2:1:9 differential clock driver,
designed with clock distribution in mind, accepting two clock sources
into an input multiplexer. The part is designed for use in low voltage
applications which require a large number of outputs to drive precisely
aligned low skew signals to their destination. The two clock inputs are
one differential HSTL and one differential LVPECL. Both input pairs
can accept LVDS levels. They are selected by the CLK_SEL pin
which is LVTTL. To avoid generation of a runt clock pulse when the
device is enabled/disabled, the Output Enable (OE), which is LVTTL,
is synchronous ensuring the outputs will only be enabled/disabled
when they are already in LOW state (Figure 9).
The MC100EP809 guarantees low output−to−output skew. The
optimal design, layout, and processing minimize skew within a device
and from lot to lot. The MC100EP809 output structure uses open
emitter architecture and will be terminated with 50
W to ground
instead of a standard HSTL configuration (Figure 7). To ensure the
tight skew specification is realized, both sides of the differential output
need to be terminated identically into 50
W even if only one output is
being used. If an output pair is unused, both outputs may be left open
(unterminated) without affecting skew.
Designers can take advantage of the EP809’s performance to
distribute low skew clocks across the backplane of the board. Both
clock inputs may be single−end driven by biasing the non−driven pin
in an input pair (Figure 8).
Features
100 ps Typical Device−to−Device Skew
15 ps Typical within Device Skew
HSTL Compatible Outputs Drive 50 W to GND with no
Offset Voltage
Maximum Frequency > 750 MHz
850 ps Typical Propagation Delay
Fully Compatible with Micrel SY89809L
PECL and HSTL Mode Operating Range: VCCI = 3 V to 3.6 V
with GND = 0 V, VCCO = 1.6 V to 2.0 V
Open Input Default State
These Devices are Pb−Free and are RoHS Compliant
32
1
MC100
AWLYYWWG
EP809
32−LEAD LQFP
FA SUFFIX
CASE 873A
MARKING
DIAGRAMS*
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G or
G = Pb−Free Package
(Note: Microdot may be in either location)
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
www.onsemi.com
32
1
MC100
EP809
AWLYYWW
G
G
1
QFN32
MN SUFFIX
CASE 488AM


유사한 부품 번호 - MC100EP809MNG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100EP809 ONSEMI-MC100EP809 Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
MC100EP809 ONSEMI-MC100EP809 Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809FA ONSEMI-MC100EP809FA Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
MC100EP809FA ONSEMI-MC100EP809FA Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809FAG ONSEMI-MC100EP809FAG Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
More results

유사한 설명 - MC100EP809MNG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221_15 Datasheet
134Kb / 12P
   Differential HSTL/ECL/PECL Clock Driver
April, 2015 ??Rev. 10
MC100EP809 ONSEMI-MC100EP809_06 Datasheet
137Kb / 9P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
November, 2006 ??Rev. 7
MC100EP809 ONSEMI-MC100EP809 Datasheet
75Kb / 8P
   3.3V 1:9 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Enable
August, 2002 ??Rev. 5
NB100EP223 ONSEMI-NB100EP223 Datasheet
162Kb / 10P
   3.3V1:22 Differential HSTL/PECL to HSTL Clock Driver with LVTTL Clock Select and Output Enable
November, 2006 ??Rev. 7
logo
Motorola, Inc
MC100EP223 MOTOROLA-MC100EP223 Datasheet
90Kb / 8P
   Low-Voltage 1:22 Differential PECL/HSTL Clock Driver
MPC911 MOTOROLA-MPC911 Datasheet
74Kb / 4P
   LOW-VOLTAGE 1:9 DIFFERENTIAL ECL/HSTL TO HSTL CLOCK DRIVER
logo
Freescale Semiconductor...
MC100ES6014 FREESCALE-MC100ES6014 Datasheet
261Kb / 8P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
logo
Renesas Technology Corp
MC100ES6014 RENESAS-MC100ES6014 Datasheet
646Kb / 9P
   2.5 V/3.3 V 1:5 Differential ECL/PECL/HSTL/LVDS Clock Driver
2019
logo
ON Semiconductor
NB100LVEP221 ONSEMI-NB100LVEP221 Datasheet
94Kb / 10P
   2.5V/3.3V 1:20 Differential HSTL/ECL/PECL Clock Driver
January, 2003 - Rev. 4
MC100EP14 ONSEMI-MC100EP14_14 Datasheet
91Kb / 8P
   3.3V / 5V 1:5 Differential ECL/PECL/HSTL Clock Driver
April, 2014 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com