전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100LVE310FNG 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 MC100LVE310FNG
상세설명  3.3 V ECL 2:8 Differential Fanout Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVE310FNG 데이터시트(HTML) 4 Page - ON Semiconductor

  MC100LVE310FNG Datasheet HTML 1Page - ON Semiconductor MC100LVE310FNG Datasheet HTML 2Page - ON Semiconductor MC100LVE310FNG Datasheet HTML 3Page - ON Semiconductor MC100LVE310FNG Datasheet HTML 4Page - ON Semiconductor MC100LVE310FNG Datasheet HTML 5Page - ON Semiconductor MC100LVE310FNG Datasheet HTML 6Page - ON Semiconductor MC100LVE310FNG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC100LVE310
www.onsemi.com
4
Table 6. LVNECL DC CHARACTERISTICS (VCC = 5.0 V, VEE = −3.3 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
IEE
Power Supply Current
55
60
55
60
65
70
mA
VOH
Output HIGH Voltage (Note 2)
−1085
−1005
−880
−1025
−955
−880
−1025
−955
−880
mV
VOL
Output LOW Voltage (Note 2)
−1830
−1695
−1555
−1810
−1705
−1620
−1810
−1705
−1620
mV
VIH
Input HIGH Voltage
(Single-Ended)
−1165
−880
−1165
−880
−1165
−880
mV
VIL
Input LOW Voltage
(Single-Ended)
−1810
−1475
−1810
−1475
−1810
−1475
mV
VBB
Output Voltage Reference
−1.38
−1.26
−1.38
−1.26
−1.38
−1.26
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential Configuration)
(Note 3)
−1.5
−0.4
−1.5
−0.4
−1.5
−0.4
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. Input and output parameters vary 1:1 with VCC. VEE can vary ± 0.3 V.
2. Outputs are terminated through a 50 W resistor to VCC − 2 V.
3. VIHCMR min varies 1:1 with VEE, max varies 1:1 with VCC. VIHCMR is defined as the range within which the VIH level may vary, with the device
still meeting the propagation delay specification. The VIL level must be such that the peak to peak voltage is less than 1.0 V and greater than
or equal to VPP(min).
Table 7. AC CHARACTERISTICS (VCC = 3.3 V; VEE = 0.0 V or VCC = 0.0 V; VEE = −3.3 V (Note 1))
Symbol
Characteristic
−40°C
25°C
85°C
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
fmax
Maximum Toggle Frequency
@ Vout > 500 mVpp
0.5
1.0
0.5
1.0
0.5
1.0
GHz
tPLH
tPHL
Propagation Delay to Output
IN (Differential Configuration) (Note 2)
IN (Single-Ended) (Note 3)
525
500
725
750
550
550
750
800
575
600
775
850
ps
tskew
Within-Device Skew (Note 4)
Part-to-Part Skew (Differential Configuration)
75
250
50
200
50
200
ps
tJITTER
Additive CLOCK Jitter (RMS) < 0.5 GHz
1.5
2.0
1.5
2.0
1.5
2.0
ps
VPP
Input Swing (Note5)
500
1000
500
1000
500
1000
mV
tr/tf
Output Rise/Fall Time (20%
80%)
200
600
200
600
200
600
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
1. VEE can vary ± 0.3 V.
2. The differential propagation delay is defined as the delay from the crossing points of the differential input signals to the crossing point of the
differential output signals.
3. The single-ended propagation delay is defined as the delay from the 50% point of the input signal to the 50% point of the output signal.
4. The within-device skew is defined as the worst case difference between any two similar delay paths within a single device.
5. VPP(min) is defined as the minimum input differential voltage which will cause no increase in the propagation delay. The VPP(min) is AC limited
for the LVE310 as a differential input as low as 50 mV will still produce full ECL levels at the output.


유사한 부품 번호 - MC100LVE310FNG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100LVE310FNG ONSEMI-MC100LVE310FNG Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
More results

유사한 설명 - MC100LVE310FNG

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
MC100ES6011 RENESAS-MC100ES6011 Datasheet
440Kb / 9P
   2.5 V/3.3 V ECL 1:2 Differential Fanout Buffer
2019
logo
Texas Instruments
SN65LVEL11 TI-SN65LVEL11 Datasheet
438Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11_101 TI-SN65LVEL11_101 Datasheet
460Kb / 13P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_09 Datasheet
405Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
SN65LVEL11 TI-SN65LVEL11_10 Datasheet
404Kb / 12P
[Old version datasheet]   3.3 V ECL 1:2 Fanout Buffer
logo
ON Semiconductor
MC100LVE310 ONSEMI-MC100LVE310_06 Datasheet
128Kb / 7P
   3.3V ECL 2:8 Differential Fanout Buffer
November, 2006 ??Rev. 4
MC100E310 ONSEMI-MC100E310_16 Datasheet
161Kb / 8P
   5 V ECL Low Voltage 2:8 Differential Fanout Buffer
July, 2016 ??Rev. 7
logo
Micrel Semiconductor
SY100E310L MICREL-SY100E310L Datasheet
75Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
SY100E310L_0607 MICREL-SY100E310L_0607 Datasheet
71Kb / 6P
   3.3V ECL/PECL 2:8 DIFFERENTIAL FANOUT BUFFER
logo
ON Semiconductor
MC100LVEL37 ONSEMI-MC100LVEL37_16 Datasheet
152Kb / 7P
   3.3 V ECL Clock Fanout Buffer
July, 2016 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com