전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100LVEL31 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC100LVEL31
상세설명  3.3 V ECL D Flip?륡lop with Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEL31 데이터시트(HTML) 1 Page - ON Semiconductor

  MC100LVEL31_16 Datasheet HTML 1Page - ON Semiconductor MC100LVEL31_16 Datasheet HTML 2Page - ON Semiconductor MC100LVEL31_16 Datasheet HTML 3Page - ON Semiconductor MC100LVEL31_16 Datasheet HTML 4Page - ON Semiconductor MC100LVEL31_16 Datasheet HTML 5Page - ON Semiconductor MC100LVEL31_16 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2016
July, 2016 − Rev. 5
1
Publication Order Number:
MC100LVEL31/D
MC100LVEL31
3.3 V ECL D Flip‐Flop
with Set and Reset
Description
The MC100LVEL31 is a D flip-flop with set and reset. The device is
functionally equivalent to the EL31 device but operates from a 3.3 V
supply. With propagation delays and output transition times essentially
equivalent to the EL31, the LVEL31 is ideally suited for those
applications which require the ultimate in AC performance at low power
supply voltages.
Both set and reset inputs are asynchronous, level triggered signals.
Data enters the master portion of the flip-flop when clock is LOW and is
transferred to the slave, and thus the outputs, upon a positive transition of
the clock.
Features
475 ps Typical Propagation Delay
2.9 GHz Toggle Frequency
ESD Protection:
> 4 kV Human Body Model
> 200 V Machine Model
The 100 Series Contains Temperature Compensation
PECL Mode Operating Range: VCC = 3.0 V to 3.8 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −3.0 V to −3.8 V
Internal Input Pulldown Resistors
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity:
Level 1 for SOIC−8
Level 3 for TSSOP−8
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Transistor Count = 121 Devices
These Devices are Pb-Free, Halogen Free and are RoHS Compliant
*For additional marking information, refer to
Application Note AND8002/D.
MARKING DIAGRAMS*
KV31
ALYWG
G
SOIC−8 NB
D SUFFIX
CASE 751−07
1
8
TSSOP−8
DT SUFFIX
CASE 948R−02
1
8
1
8
www.onsemi.com
KVL31
ALYW
G
1
8
(Note: Microdot may be in either location)
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb-Free Package
SOIC−8 NB
TSSOP−8
ORDERING INFORMATION
Device
Package
Shipping†
MC100LVEL31DG
SOIC−8 NB
(Pb-Free)
98 Units / Tube
MC100LVEL31DR2G
2500 Tape & Reel
TSSOP−8
(Pb-Free)
MC100LVEL31DTR2G
2500 Tape & Reel
TSSOP−8
(Pb-Free)
MC100LVEL31DTG
100 Units / Tube
†For information on tape and reel specifications, in-
cluding part orientation and tape sizes, please refer
to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
SOIC−8 NB
(Pb-Free)


유사한 부품 번호 - MC100LVEL31_16

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100LVEL31D ONSEMI-MC100LVEL31D Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
MC100LVEL31D ONSEMI-MC100LVEL31D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100LVEL31DG ONSEMI-MC100LVEL31DG Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
MC100LVEL31DR2 ONSEMI-MC100LVEL31DR2 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
MC100LVEL31DR2G ONSEMI-MC100LVEL31DR2G Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
More results

유사한 설명 - MC100LVEL31_16

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31_16 Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
MC100LVEL30 ONSEMI-MC100LVEL30_16 Datasheet
145Kb / 6P
   ECL Triple D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 8
MC100LVEL51 ONSEMI-MC100LVEL51_16 Datasheet
172Kb / 9P
   3.3V ECL Differential Clock D Flip?륡lop
July, 2016 ??Rev. 7
MC10EL31 ONSEMI-MC10EL31_06 Datasheet
146Kb / 9P
   5 V ECL D Flip-Flop With Set and Reset
December, 2006 ??Rev. 5
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
logo
List of Unclassifed Man...
AZ10EL31 ETC-AZ10EL31 Datasheet
140Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
Arizona Microtek, Inc
AZ10EL31 AZM-AZ10EL31 Datasheet
77Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC100EL30 ONSEMI-MC100EL30_06 Datasheet
109Kb / 6P
   5V ECL Triple D Flip?묯lop with Set and Reset
October, 2006 ??Rev. 5
MC100LVEL30 ONSEMI-MC100LVEL30_06 Datasheet
114Kb / 6P
   3.3V ECL Triple D Flip?묯lop with Set and Reset
November, 2006 ??Rev. 7
MC10EP31 ONSEMI-MC10EP31_06 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com