전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB115S56K 데이터시트(PDF) 7 Page - SL Power Electronics

부품명 LB115S56K
상세설명  115W Single Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SLPOWER [SL Power Electronics]
홈페이지  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

LB115S56K 데이터시트(HTML) 7 Page - SL Power Electronics

  LB115S56K Datasheet HTML 1Page - SL Power Electronics LB115S56K Datasheet HTML 2Page - SL Power Electronics LB115S56K Datasheet HTML 3Page - SL Power Electronics LB115S56K Datasheet HTML 4Page - SL Power Electronics LB115S56K Datasheet HTML 5Page - SL Power Electronics LB115S56K Datasheet HTML 6Page - SL Power Electronics LB115S56K Datasheet HTML 7Page - SL Power Electronics LB115S56K Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
LB115S
115W Single Output
LED Series
www.slpower.com
LB115S 2-OCT-14
7
Ripple & Noise
To verify that the output ripple and noise does not exceed the level specified in the product specification, measured using a scope probe socket with
0.1uF ceramic and a 10uF electrolytic capacitor connected in parallel across it, 20MHz BW.
Output Overload Characteristic
Overvoltage Protection


유사한 부품 번호 - LB115S56K

제조업체부품명데이터시트상세설명
logo
SL Power Electronics
LB115S56K SLPOWER-LB115S56K Datasheet
1Mb / 8P
   Meets IEC61000-3-2 Class C for less than 1 Watt to full power
More results

유사한 설명 - LB115S56K

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
2N3055 MOSPEC-2N3055 Datasheet
167Kb / 3P
   POWER TRANSISTORS(15A,50V,115W)
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
   Single output
logo
XP Power Limited
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
   Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
   Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
   Single output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
   Single Output
logo
Power-One
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
   SINGLE OUTPUT
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
   SINGLE OUTPUT
logo
Artesyn Technologies
TLP150R-96S12J ARTESYN-TLP150R-96S12J Datasheet
486Kb / 4P
   Single Output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
   Single Output
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com