전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WX-SERIES 데이터시트(PDF) 1 Page - Vanlong Technology Co., Ltd.

부품명 WX-SERIES
상세설명  Tuning Fork Quartz Crystal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VANLONG [Vanlong Technology Co., Ltd.]
홈페이지  http://www.vanlong.com
Logo VANLONG - Vanlong Technology Co., Ltd.

WX-SERIES 데이터시트(HTML) 1 Page - Vanlong Technology Co., Ltd.

  WX-SERIES Datasheet HTML 1Page - Vanlong Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Leaded Crystal
Phone: +86 (10) 5820-3910
Fax: +86 (10) 5820-3915
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2006 by Vanlong Technology Co., Ltd.
WX Series
Tuning Fork Quartz Crystal
WX Series
RoHS Compliant
The tuning fork crystal provides the circuit designer with the ultimate
in size, performance, and economic trade-offs. This highly reliable,
stable, and accurate device is available in two micro -miniature
sizes for time base applications operating from a 32.768KHz
reference frequency.
Very small, compact packaging
Rugged, resistant to shock and vibration
Low cost
Ideal for time of watches and clocks
Complies with Directive 2002/95/EC (RoHS Compliant)
Specifications:
WX Series
Frequency Range:
30.000 ~ 120.000 KHz
32.768 KHz
Standard
Operating Temperature:
0
°C ~ +50°C
-A
-10
°C ~ +60°C
-B
-20
°C ~ +70°C
-C
-40
°C ~ +85°C
-L
Storage Temperature:
-30
°C ~ +80°C
Frequency Tolerance:
± 50 ppm
-50
(at 25
°C)
± 30 ppm
-30
± 20 ppm
-20
Temperature Coefficient:
-0.04 ppm/
°C
Circuit Condition:
8 pF ~ 32 pF or series
12.5 pF
Standard
Turnover Temperature:
25
± 5 °C
Series Resistance:
Maximum resistance corresponds
to frequency. Please see R table.
Drive Level:
1.0
μW max
Series Capacitance:
4.0 fF max
Parallel Capacitance:
2.0 pF max
Aging:
± 3 ppm max per year
Optional Features:
Tape & Reel
-T
Model
L1
L2
D1
D2
B
WX38
8.0
10.0
∅3.1
∅0.3
0.8
WX26
6.0
7.0
∅2.0
∅0.24
0.65
All dimensions are in mm
Ordering Information
Note:
1.
Other frequencies, tolerances, stabilities, and operating temperature ranges available. Consult
VTC Support for specific requirements.
2.
Not all combinations of the above tolerances, stabilities, and temperature ranges are available.
Consult VTC Support if your requirement is not standard.
3.
All specifications subject to change without notice.
Product name + Temperature Range + CL +
Frequency Tolerance + Other Specification
Code + Frequency.
i.e. WX38-B-20-32.768KHz


유사한 설명 - WX-SERIES

제조업체부품명데이터시트상세설명
logo
Vanlong Technology Co.,...
WX26B VANLONG-WX26B_13 Datasheet
55Kb / 1P
   Tuning Fork Quartz Crystal
WX26B VANLONG-WX26B Datasheet
39Kb / 1P
   Tuning Fork Quartz Crystal
logo
List of Unclassifed Man...
MTF32 ETC2-MTF32 Datasheet
117Kb / 2P
   Tuning Fork Quartz Crystal
logo
New Japan Radio
NJU6229 NJRC-NJU6229 Datasheet
102Kb / 7P
   32.768kHz output Tuning fork Quartz Crystal Oscillator IC
logo
Pericom Semiconductor C...
32S12 PERICOM-32S12 Datasheet
235Kb / 2P
   Tuning Fork Quartz Crystal 32.768 kHz Plastic SMD
logo
CTS Corporation
TF202P32K7680 CTS-TF202P32K7680 Datasheet
188Kb / 3P
   Tuning Fork Crystal
logo
Shenzhen Luguang Electr...
ZM-145 LUGUANG-ZM-145 Datasheet
273Kb / 1P
   Tuning Fork Crystal
logo
Abracon Corporation
ABS07-120-32.768KHZ-T ABRACON-ABS07-120-32.768KHZ-T Datasheet
2Mb / 3P
   TUNING FORK CRYSTAL
11.14.14
logo
Fox Electronics
KT26 FOX-KT26 Datasheet
335Kb / 4P
   Tuning Fork Crystal
logo
Vishay Siliconix
XT26T VISHAY-XT26T Datasheet
65Kb / 1P
   Tuning Fork Crystal
Revision: 28-Mar-03
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com