전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB1150 데이터시트(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

부품명 SB1150
상세설명  1.0AMP. SCHOTTKY BARRIER RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
홈페이지  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

SB1150 데이터시트(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  SB1150 Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 257 -
SR120/SB120 THRU SR1200/SB1200
1.0AMP. SCHOTTKY BARRIER RECTIFIERS
FEATURE
.
High current capability
.
Low forward voltage drop
.
Low power loss, high efficiency
.
High surge capability
.
High temperature soldering guaranteed
260°C /10sec/ 0.375" lead length at 5 lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Mounting position: any
DO-41
.787(20.0)
M IN.
.205(5.2)
.166(4.2)
.787(20.0)
M IN.
.107(2.7)
.080(2.0)
DIA.
+
-
.032(0.8)
.025(0.65)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
SR
120
SR
130
SR
140
SR
150
SR
160
SR
180
SR
190
SR
1100
SR
1150
SR
1200
unit
s
SB
120
SB
130
SB
140
SB
150
SB
160
SB
180
SB
190
SB
1100
SB
1150
SB
1200
Maximum Recurrent Peak Reverse Voltage
VRRM
20
30
40
50
60
80
90
100
150
200
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
63
70
105
140
V
Maximum DC blocking Voltage
VDC
20
30
40
50
60
80
90
100
150
200
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TL =90°C
IF(AV)
1.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
30.0
A
Maximum Forward Voltage at 1.0A DC
VF
0.45
0.55
0.70
0.85
0.95
V
Maximum DC Reverse Current
@TA=25°C
at rated DC blocking voltage
@TA =100°C
IR
0.5
40.0
0.1
10.0
mA
Typical Junction Capacitance (Note 1)
CJ
110
28
pF
Typical Thermal Resistance (Note 2)
R(JA)
75
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +125
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient at 0.375"(9.5mm)lead length, vertical P.C. Board Mounted.


유사한 부품 번호 - SB1150

제조업체부품명데이터시트상세설명
logo
Compact Technology Corp...
SB1150 CTC-SB1150 Datasheet
51Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Jiangsu High diode Semi...
SB1150 HDSEMI-SB1150 Datasheet
1Mb / 4P
   DO-41 Plastic-Encapsulate Diodes
logo
Sirectifier Global Corp...
SB1150 SIRECT-SB1150 Datasheet
222Kb / 2P
   Power Schottky Rectifier - 1Amp 150~200Volt
logo
Zibo Seno Electronic En...
SB1150 ZSELEC-SB1150 Datasheet
128Kb / 2P
   1.0A SCHOTTKY BARRIER DIODE
logo
Compact Technology Corp...
SB1150 CTC-SB1150 Datasheet
68Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

유사한 설명 - SB1150

제조업체부품명데이터시트상세설명
logo
WILLAS ELECTRONIC CORP
SK12B WILLAS-SK12B Datasheet
284Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5817 TSC-1N5817_12 Datasheet
250Kb / 4P
   1.0AMP. Schottky Barrier Rectifiers
logo
DONGGUAN YOU FENG WEI E...
SR120 YFWDIODE-SR120 Datasheet
73Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
SR120-DO41 YFWDIODE-SR120-DO41 Datasheet
273Kb / 2P
   1.0Amp Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
1N5817S CHONGQING-1N5817S Datasheet
177Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
SB120L CHONGQING-SB120L Datasheet
176Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
PACELEADER INDUSTRIAL
SR120 PACELEADER-SR120 Datasheet
439Kb / 2P
   1.0AMP SCHOTTKY BARRIER RECTIFIERS
logo
Chongqing Pingwei Enter...
MB140 CHONGQING-MB140 Datasheet
175Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
logo
Shenzhen Luguang Electr...
SR102 LUGUANG-SR102 Datasheet
188Kb / 2P
   1.0AMP. Schottky Barrier Rectifiers
logo
Chongqing Pingwei Enter...
1N5817 CHONGQING-1N5817_16 Datasheet
177Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
SS12L CHONGQING-SS12L Datasheet
200Kb / 1P
   1.0AMP. SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com