전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI3210-BT 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 SI3210-BT
상세설명  PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC - List of Unclassifed Manufacturers

SI3210-BT 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  SI3210-BT Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3210-BT Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3210-BT Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3210-BT Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3210-BT Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3210-BT Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3210-BT Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3210-BT Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3210-BT Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 122 page
background image
Si 3210/ Si3 2 11 /S i32 1 2
4
Preliminary Rev. 1.11
Electrical Specifications
Table 1. Absolute Maximum Ratings and Thermal Information
*
Parameter
Symbol
Value
Unit
DC Supply Voltage
VDDD, VDDA1, VDDA2
–0.5 to 6.0
V
Input Current, Digital Input Pins
IIN
±10
mA
Digital Input Voltage
VIND
–0.3 to (VDDD + 0.3)
V
ESD, Si3210/11/12 (Human Body Model)
2000
V
Operating Temperature Range
TA
–40 to 100
°C
Storage Temperature Range
TSTG
–40 to 150
°C
TSSOP-38 Thermal Resistance, Typical
θ
JA
50
°C/W
*Note: Permanent device damage may occur if the above Absolute Maximum Ratings are exceeded. Functional operation
should be restricted to the conditions as specified in the operational sections of this data sheet. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Recommended Operating Conditions
Parameter
Symbol
Test
Condition
Min*
Typ
Max*
Unit
Ambient Temperature
TA
K-grade
0
25
70
oC
Ambient Temperature
TA
B-grade
–40
25
85
oC
Si3210/11/12 Supply Voltage
VDDD,VDDA1
,VDDA2
3.13
3.3/5.0
5.25
V
*Note: All minimum and maximum specifications are guaranteed and apply across the recommended operating conditions.
Typical values apply at nominal supply voltages and an operating temperature of 25 oC unless otherwise stated.
Product specifications are only guaranteed when the typical application circuit (including component tolerances) is
used.


유사한 부품 번호 - SI3210-BT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3210-E-FM SILABS-SI3210-E-FM Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
SI3210-E-GM SILABS-SI3210-E-GM Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   Perfroms all BORSCHT functions DC-DC controller provides tracking battery fromm a 3.3-35V input
More results

유사한 설명 - SI3210-BT

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI3210-FT SILABS-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230M-E-FMR SILABS-SI3230M-E-FMR Datasheet
1Mb / 108P
   PROSLIC PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon image
SI3210-FT SILICONIMAGE-SI3210-FT Datasheet
869Kb / 148P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Silicon Laboratories
SI3215 SILABS-SI3215 Datasheet
1Mb / 118P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3230 SILABS-SI3230 Datasheet
1Mb / 108P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
SI3233 SILABS-SI3233 Datasheet
1Mb / 100P
   PROSLIC짰 PROGRAMMABLE CMOS SLIC WITH RINGING/BATTERY VOLTAGE GENERATION
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Silicon Laboratories
SI3206 SILABS-SI3206 Datasheet
213Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3220 SILABS-SI3220 Datasheet
1Mb / 112P
   DUAL PROSLIC짰 PROGRAMMABLE CMOS SLIC/CODEC
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
   Quad ProSLIC짰 Programmable CMOS SLIC/Codec
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com