전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U1190 데이터시트(PDF) 5 Page - Keysight Technologies

부품명 U1190
상세설명  Clamp Meters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEYSIGHT [Keysight Technologies]
홈페이지  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

U1190 데이터시트(HTML) 5 Page - Keysight Technologies

  U1190 Datasheet HTML 1Page - Keysight Technologies U1190 Datasheet HTML 2Page - Keysight Technologies U1190 Datasheet HTML 3Page - Keysight Technologies U1190 Datasheet HTML 4Page - Keysight Technologies U1190 Datasheet HTML 5Page - Keysight Technologies U1190 Datasheet HTML 6Page - Keysight Technologies U1190 Datasheet HTML 7Page - Keysight Technologies U1190 Datasheet HTML 8Page - Keysight Technologies U1190 Datasheet HTML 9Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
Model Comparison
U1191A
U1192A
U1193A
U1194A
Basic features
Display
6,000 counts
6,000 counts
6,000 counts
6,000 counts
RMS method
Average responding
Average responding
True RMS
True RMS
Measurement range
DC voltage
600 V
60 to 600 V
60 to 600 V
60 to 600 V
AC voltage
600 V
60 to 600 V
60 to 600 V
60 to 600 V
DC current
60 to 600 A
DC µA current
60 to 600 µA
AC current
400 A
60 to 400 A
60 to 600 A
60 to 600 A
AC µA current
60 to 600 µA
Resistance
600 Ω to 6 kΩ
600 Ω to 60 kΩ
600 Ω to 60 kΩ
600 Ω to 60 kΩ
Capacitance
600 µF to 6 mF
600 µF to 6 mF
600 µF to 6 mF
Diode
1.5 V
1.5 V
1.5 V
1.5 V
Continuity
600 Ω
600 Ω
600 Ω
600 Ω
Temperature
K-type: –40 to 1,200 °C
Frequency
99.99 Hz to 99.99 kHz
99.99 Hz to 99.99 kHz
99.99 Hz to 99.99 kHz
Data management
Data hold
Yes
Yes
Yes
Yes
Null
Yes
Yes
Yes
Yes
MAX/MIN/AVG
Yes
Yes
Yes
Yes
Auto/Range
Yes1
Yes
Yes
Yes
Other features
Built-in LED flashlight
No
Yes
Yes
Yes
Auto power OFF
Yes
Yes
Yes
Yes
Clamp opening
31 mm
31 mm
37 mm
37 mm
Clamping diameter
27 mm
27 mm
35 mm
35 mm
Safety and regulatory
Over-voltage safety
protection
CAT III 600 V/
CAT IV 300 V
CAT III 600 V/
CAT IV 300 V
CAT III 600 V/
CAT IV 300 V
CAT III 600 V/
CAT IV 300 V
EN/IEC 61010-1, CE,
CSA compliance
Yes
Yes
Yes
Yes
1. Applicable to Resistance range only.


유사한 부품 번호 - U1190

제조업체부품명데이터시트상세설명
logo
Keysight Technologies
U1190 KEYSIGHT-U1190 Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

유사한 설명 - U1190

제조업체부품명데이터시트상세설명
logo
ASM GmbH
9290-10 ASM-SENSOR-9290-10 Datasheet
104Kb / 1P
   Clamp Meters
logo
Keysight Technologies
U1210 KEYSIGHT-U1210 Datasheet
2Mb / 17P
   Handheld Clamp Meters
logo
Extech Instruments Corp...
EX710 EXTECH-EX710 Datasheet
319Kb / 12P
   800 Amp Clamp Meters
380941 EXTECH-380941_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380947 EXTECH-380947_15 Datasheet
228Kb / 1P
   Mini DC/AC Clamp Meters
380942 EXTECH-380942 Datasheet
327Kb / 1P
   Mini DC/AC Clamp Meters
MA640 EXTECH-MA640_15 Datasheet
352Kb / 1P
   600A True RMS Clamp Meters NCV
MA430T EXTECH-MA430T Datasheet
364Kb / 1P
   MA430 Series 400A Clamp Meters NCV
MA620 EXTECH-MA620_15 Datasheet
352Kb / 1P
   600A True RMS Clamp Meters NCV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com