전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB011N10RQ8 데이터시트(PDF) 1 Page - Cystech Electonics Corp.

부품명 MTB011N10RQ8
상세설명  N-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB011N10RQ8 데이터시트(HTML) 1 Page - Cystech Electonics Corp.

  MTB011N10RQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB011N10RQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB011N10RQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB011N10RQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB011N10RQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB011N10RQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB011N10RQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB011N10RQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB011N10RQ8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C169Q8
Issued Date : 2016.11.04
Revised Date :
Page No. : 1/9
MTB01 N10RQ8
CYStek Product Specification
N-Channel Enhancement Mode Power MOSFET
MTB011N10RQ8
BVDSS
100V
10.7A
ID @ TA=25°C, VGS=10V
8.6A
ID @ TA=70°C, VGS=10V
Features
RDS(ON)@VGS=10V, ID=11.5A
7.5 mΩ(typ)
• Single Drive Requirement
RDS(ON)@VGS=4.5V, ID=9.5A
9.8 mΩ(typ)
1
• Low On-resistance
• Fast Switching Characteristic
• Repetitive Avalanche Rated
• Pb-free & Halogen-free package
Symbol
Outline
MTB011N10RQ8
SOP-8
Ordering Information
Device
Package
Shipping
MTB011N10RQ8-0-T3-G
SOP-8
(RoHS compliant & Halogen-free package)
2500 pcs / Tape & Reel
G:Gate
D:Drain
S:Source
Pin 1
D
D
D
D
G
S
S
S
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant
and green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name


유사한 부품 번호 - MTB011N10RQ8

제조업체부품명데이터시트상세설명
logo
Shindengen Electric Mfg...
MTB011 SHINDENGEN-MTB011 Datasheet
353Kb / 2P
   High Output Interface Driver ICs
More results

유사한 설명 - MTB011N10RQ8

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com