전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTB013N10RE3-0-UB-X 데이터시트(PDF) 3 Page - Cystech Electonics Corp.

부품명 MTB013N10RE3-0-UB-X
상세설명  N-Channel Enhancement Mode Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYSTEKEC [Cystech Electonics Corp.]
홈페이지  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB013N10RE3-0-UB-X 데이터시트(HTML) 3 Page - Cystech Electonics Corp.

  MTB013N10RE3-0-UB-X Datasheet HTML 1Page - Cystech Electonics Corp. MTB013N10RE3-0-UB-X Datasheet HTML 2Page - Cystech Electonics Corp. MTB013N10RE3-0-UB-X Datasheet HTML 3Page - Cystech Electonics Corp. MTB013N10RE3-0-UB-X Datasheet HTML 4Page - Cystech Electonics Corp. MTB013N10RE3-0-UB-X Datasheet HTML 5Page - Cystech Electonics Corp. MTB013N10RE3-0-UB-X Datasheet HTML 6Page - Cystech Electonics Corp. MTB013N10RE3-0-UB-X Datasheet HTML 7Page - Cystech Electonics Corp. MTB013N10RE3-0-UB-X Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C056E3
Issued Date : 2016.11.01
Revised Date :
Page No. : 3/ 8
MTB013N10RE3
CYStek Product Specification
Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
100
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
60
-
mV/
°C
Reference to 25
°C, ID=250μA
VGS(th)
1
-
2.5
V
VDS = VGS, ID=250μA
*GFS
-
31
-
S
VDS =10V, ID=20A
IGSS
-
-
±
100
nA
VGS=±20V
-
-
1
VDS =80V, VGS =0V
IDSS
-
-
25
μA
VDS =80V, VGS =0V, Tj=125
°C
-
11.8
15.5
VGS =10V, ID=20A
*RDS(ON)
-
13.4
19.0
VGS =4.5V, ID=20A
Dynamic
*Qg
-
55.1
-
*Qgs
-
9
-
*Qgd
-
9.6
-
nC
VDD=80V, ID=20A,VGS=10V
*td(ON)
-
18.2
-
*tr
-
18.8
-
*td(OFF)
-
62.4
-
*tf
-
7.8
-
ns
VDD=50V, ID=20A, VGS=10V, RG=1Ω
Ciss
-
2975
-
Coss
-
188
-
Crss
-
12.7
-
pF
VGS=0V, VDS=50V, f=1MHz
Source-Drain Diode
*IS
-
-
53
*ISM
-
-
212
A
*VSD
-
0.85
1.2
V
IS=20A, VGS=0V
*trr
-
30.3
-
ns
*Qrr
-
38.6
-
nC
VGS=0V, IF=20A, dIF/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


유사한 부품 번호 - MTB013N10RE3-0-UB-X

제조업체부품명데이터시트상세설명
logo
Cystech Electonics Corp...
MTB013N10RH8 CYSTEKEC-MTB013N10RH8 Datasheet
631Kb / 10P
   N-Channel Enhancement Mode Power MOSFET
MTB013N10RJ3 CYSTEKEC-MTB013N10RJ3 Datasheet
421Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB013N10RJ3-0-T3-G CYSTEKEC-MTB013N10RJ3-0-T3-G Datasheet
421Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB013N10RQ8 CYSTEKEC-MTB013N10RQ8 Datasheet
485Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
More results

유사한 설명 - MTB013N10RE3-0-UB-X

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com