전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST68C454 데이터시트(PDF) 11 Page - Exar Corporation

부품명 ST68C454
상세설명  QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EXAR [Exar Corporation]
홈페이지  http://www.exar.com
Logo EXAR - Exar Corporation

ST68C454 데이터시트(HTML) 11 Page - Exar Corporation

Back Button ST68C454 Datasheet HTML 7Page - Exar Corporation ST68C454 Datasheet HTML 8Page - Exar Corporation ST68C454 Datasheet HTML 9Page - Exar Corporation ST68C454 Datasheet HTML 10Page - Exar Corporation ST68C454 Datasheet HTML 11Page - Exar Corporation ST68C454 Datasheet HTML 12Page - Exar Corporation ST68C454 Datasheet HTML 13Page - Exar Corporation ST68C454 Datasheet HTML 14Page - Exar Corporation ST68C454 Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
ST16C454/68C454
11
Rev. 3.20
Programmable Baud Rate Generator
The 454 supports high speed modem technologies
that have increased input data rates by employing
data compression schemes. For example a 33.6Kbps
modem that employs data compression may require a
115.2Kbps input data rate. A 128.0Kbps ISDN modem
that supports data compression may need an input
data rate of 460.8Kbps. The 454 can support a stan-
dard data rate of 921.6Kbps.
Single baud rate generator is provided for the trans-
mitter and receiver, allowing independent TX/RX
channel control. The programmable Baud Rate Gen-
erator is capable of accepting an input clock up to 24
MHz, as required for supporting a 1.5Mbps data rate.
The 454 can be configured for internal or external
clock operation. For internal clock oscillator opera-
tion, an industry standard microprocessor crystal (par-
allel resonant/ 22-33 pF load) is connected externally
between the XTAL1 and XTAL2 pins (see figure 8).
Alternatively, an external clock can be connected to
the XTAL1 pin to clock the internal baud rate generator
for standard or custom rates. (see Baud Rate Genera-
tor Programming).
The generator divides the input 16X clock by any
divisor from 1 to 216 -1. The 454 divides the basic
crystal or external clock by 16. Further division of this
16X clock provides two table rates to support low and
high data rate applications using the same system
design. Customized Baud Rates can be achieved by
selecting the proper divisor values for the MSB and
LSB sections of baud rate generator.
Programming the Baud Rate Generator Registers
DLM (MSB) and DLL (LSB) provides a user capability
for selecting the desired final baud rate. The example
in Table 5 below, shows the two selectable baud rate
tables available when using a 1.8432MHz or 7.3728
MHz crystal.
Output
Output
User
User
DLM
DLL
Baud Rate
Baud Rate
16 x Clock
16 x Clock
Program
Program
(1.8432 MHz (7.3728 MHz
Divisor
Divisor
Value
Value
Clock)
Clock)
(Decimal)
(HEX)
(HEX)
(HEX)
50
200
2304
900
09
00
300
1200
384
180
01
80
600
2400
192
C0
00
C0
1200
4800
96
60
00
60
2400
9600
48
30
00
30
4800
19.2K
24
18
00
18
9600
38.4k
12
0C
00
0C
19.2k
76.8k
6
06
00
06
38.4k
153.6k
3
03
00
03
57.6k
230.4k
2
02
00
02
115.2k
460.8k
1
01
00
01


유사한 부품 번호 - ST68C454

제조업체부품명데이터시트상세설명
logo
Exar Corporation
ST68C554 EXAR-ST68C554 Datasheet
518Kb / 40P
   QUAD UART WITH 16-BYTE FIFOS
ST68C554CJ68 EXAR-ST68C554CJ68 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST68C554CJ68 EXAR-ST68C554CJ68 Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST68C554IJ68 EXAR-ST68C554IJ68 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST68C554IJ68 EXAR-ST68C554IJ68 Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
More results

유사한 설명 - ST68C454

제조업체부품명데이터시트상세설명
logo
Exar Corporation
ST16C454 EXAR-ST16C454_05 Datasheet
177Kb / 29P
   QUAD UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
Intersil Corporation
IM7332 INTERSIL-IM7332 Datasheet
1Mb / 36P
   Universal Asynchronous Receiver Transmitter(UART)
logo
A1 PROs co., Ltd.
EI16C450 A1PROS-EI16C450 Datasheet
1Mb / 1P
   Universal Asynchronous Receiver Transmitter(UART)
06/15/99
logo
Exar Corporation
ST16C450 EXAR-ST16C450 Datasheet
182Kb / 28P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER (UART)
logo
List of Unclassifed Man...
COM8017 ETC-COM8017 Datasheet
553Kb / 8P
   UNIVERSAL ASYNCHRONOUS RECEIVER/TRANSMITTER UART
logo
NXP Semiconductors
SCC2691 PHILIPS-SCC2691 Datasheet
168Kb / 24P
   Universal asynchronous receiver/transmitter UART
1998 Sep 04
logo
IMP, Inc
IMP16C554 IMP-IMP16C554 Datasheet
510Kb / 20P
   Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
logo
Intersil Corporation
CDP1854A INTERSIL-CDP1854A Datasheet
95Kb / 21P
   Programmable Universal Asynchronous Receiver/Transmitter (UART)
March 1997
HD-6402 INTERSIL-HD-6402 Datasheet
154Kb / 7P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
logo
Harris Corporation
HD6402 HARRIS-HD6402 Datasheet
100Kb / 6P
   CMOS Universal Asynchronous Receiver Transmitter (UART)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com