전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2220G-LB 데이터시트(PDF) 6 Page - Rohm

부품명 BD2220G-LB
상세설명  1ch Small Package High Side Switch ICs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2220G-LB 데이터시트(HTML) 6 Page - Rohm

Back Button BD2220G-LB Datasheet HTML 2Page - Rohm BD2220G-LB Datasheet HTML 3Page - Rohm BD2220G-LB Datasheet HTML 4Page - Rohm BD2220G-LB Datasheet HTML 5Page - Rohm BD2220G-LB Datasheet HTML 6Page - Rohm BD2220G-LB Datasheet HTML 7Page - Rohm BD2220G-LB Datasheet HTML 8Page - Rohm BD2220G-LB Datasheet HTML 9Page - Rohm BD2220G-LB Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6/20
BD2220G-LB
BD2221G-LB
Datasheet
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300380-1-2
21.Feb.2014 Rev.002
Typical Performance Curves - continued
0.0
0.5
1.0
1.5
2.0
234
56
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Low to High
High to Low
Figure 8. EN,/EN input voltage
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=5.0V
Low to High
High to Low
Figure 9. EN,/EN input voltage
0
50
100
150
200
250
23
456
SUPPLY VOLTAGE : VIN[V]
Ta=25°C
Figure 10. On-resistance
0
50
100
150
200
250
-50
0
50
100
AMBIENT TEMPERATURE : Ta[
℃]
VIN=5.0V
Figure 11. On-resistance


유사한 부품 번호 - BD2220G-LB

제조업체부품명데이터시트상세설명
logo
Rohm
BD2220G-TR ROHM-BD2220G-TR Datasheet
937Kb / 26P
   0.75A Current Limit Latch Off High Side Switch ICs
More results

유사한 설명 - BD2220G-LB

제조업체부품명데이터시트상세설명
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2246G ROHM-BD2246G Datasheet
299Kb / 14P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G-LB ROHM-BD2224G-LB Datasheet
609Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2224G ROHM-BD2224G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com