전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2206G-TR 데이터시트(PDF) 10 Page - Rohm

부품명 BD2206G-TR
상세설명  0.2A, 0.5A Current Load Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2206G-TR 데이터시트(HTML) 10 Page - Rohm

Back Button BD2206G-TR Datasheet HTML 6Page - Rohm BD2206G-TR Datasheet HTML 7Page - Rohm BD2206G-TR Datasheet HTML 8Page - Rohm BD2206G-TR Datasheet HTML 9Page - Rohm BD2206G-TR Datasheet HTML 10Page - Rohm BD2206G-TR Datasheet HTML 11Page - Rohm BD2206G-TR Datasheet HTML 12Page - Rohm BD2206G-TR Datasheet HTML 13Page - Rohm BD2206G-TR Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
BD2202G
BD2206G
Datasheet
Typical Performance Curves - continued
Figure 20. Output Turn ON Time vs Supply Voltage
Figure 21. Output Turn ON Time vs
Ambient Temperature
Figure 22. Output Fall Time vs Supply Voltage
Figure 23. Output Fall Time vs
Ambient Temperature
50
100
150
200
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=3.3V
Ambient Temperature : Ta[°C]
0
500
1000
1500
2000
2500
-50
0
50
100
AMBIENT TEMPERATURE : Ta[℃]
VIN=3.3V
Ambient Temperature : Ta[°C]
Supply Voltage : VIN[V]
0
500
1000
1500
2000
2500
2
2.5
3
3.5
4
Ta=25°C
Supply Voltage : VIN[V]
50
100
150
200
2
2.5
3
3.5
4
Ta=25°C
10/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300180-1-2
21.Aug.2014 Rev.003


유사한 부품 번호 - BD2206G-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BD2206G-LBTR ROHM-BD2206G-LBTR Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
More results

유사한 설명 - BD2206G-TR

제조업체부품명데이터시트상세설명
logo
Rohm
BD6524HFV ROHM-BD6524HFV_14 Datasheet
821Kb / 21P
   0.5A Current Load Switch ICs
BD6528HFV ROHM-BD6528HFV_14 Datasheet
1Mb / 26P
   0.5A Current Load Switch ICs
BD2200GUL ROHM-BD2200GUL_14 Datasheet
1,004Kb / 22P
   0.5A, 1.0A Load Switch ICs
logo
Diodes Incorporated
AP2331 DIODES-AP2331 Datasheet
242Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Unisonic Technologies
US301 UTC-US301 Datasheet
125Kb / 4P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH
logo
Rohm
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_14 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
logo
Diodes Incorporated
AP2331TD DIODES-AP2331TD Datasheet
746Kb / 11P
   0.2A SINGLE CHANNEL CURRENT-LIMITED LOAD SWITCH WITH OUTPUT TRANSIENT DISCHARGE
October 2017
logo
Solid State Optronic
SMA4120 SSOUSA-SMA4120 Datasheet
222Kb / 6P
   High Load Current (0.5A MAX Continuous)
logo
Rohm
BD2202G-LB ROHM-BD2202G-LB Datasheet
542Kb / 25P
   Load Switch ICs for Portable Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com