전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2242G-GTR 데이터시트(PDF) 7 Page - Rohm

부품명 BD2242G-GTR
상세설명  1ch Adjustable Current Limit High Side Switch ICs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2242G-GTR 데이터시트(HTML) 7 Page - Rohm

Back Button BD2242G-GTR Datasheet HTML 3Page - Rohm BD2242G-GTR Datasheet HTML 4Page - Rohm BD2242G-GTR Datasheet HTML 5Page - Rohm BD2242G-GTR Datasheet HTML 6Page - Rohm BD2242G-GTR Datasheet HTML 7Page - Rohm BD2242G-GTR Datasheet HTML 8Page - Rohm BD2242G-GTR Datasheet HTML 9Page - Rohm BD2242G-GTR Datasheet HTML 10Page - Rohm BD2242G-GTR Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7/26
Datasheet
BD2222G
BD2242G
BD2243G
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111
15
001
TSZ02201-0E3E0H300280-1-2
9.JUN.2014 Rev.004
Typical Performance Curves - continued
0
50
100
150
200
-50
0
50
100
Ambient Temperature : Ta[°C]
0
50
100
150
200
2
3
4
5
6
Supply Voltage : VIN[V]
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
Ambient Temperature : Ta[°C]
0.0
0.5
1.0
1.5
2.0
2
3
4
5
6
Supply Voltage : VIN[V]
Ta=25°C
RLIM=20kΩ
Low to High
High to Low
Figure 12. EN Input Voltage vs
Supply Voltage
VIN=5.0V
RLIM=20kΩ
Low to High
High to Low
Figure 13. EN Input Voltage vs
Ambient Temperature
Ta=25°C
RLIM=20kΩ
IOUT=500mA
Figure 14. On-Resistance vs Supply Voltage
VIN=5.0V
RLIM=20kΩ
IOUT=500mA
Figure 15. On-Resistance vs Ambient Temperature


유사한 부품 번호 - BD2242G-GTR

제조업체부품명데이터시트상세설명
logo
Rohm
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
More results

유사한 설명 - BD2242G-GTR

제조업체부품명데이터시트상세설명
logo
Rohm
BD2242G ROHM-BD2242G Datasheet
993Kb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD2244G-M ROHM-BD2244G-M_16 Datasheet
2Mb / 29P
   1ch Adjustable Current Limit High Side Switch ICs
BD22441G-C ROHM-BD22441G-C Datasheet
1Mb / 28P
   Automotive 1ch Adjustable Current Limit High Side Switch ICs
11.Apr.2022 Rev.004
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
BD2062FJ ROHM-BD2062FJ_14 Datasheet
1Mb / 26P
   2.4A Current Limit High Side Switch ICs
BD2224G ROHM-BD2224G_14 Datasheet
1,013Kb / 26P
   0.75A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com