전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2226G 데이터시트(PDF) 2 Page - Rohm

부품명 BD2226G
상세설명  1.0A Current Limit High Side Switch ICs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2226G 데이터시트(HTML) 2 Page - Rohm

  BD2226G Datasheet HTML 1Page - Rohm BD2226G Datasheet HTML 2Page - Rohm BD2226G Datasheet HTML 3Page - Rohm BD2226G Datasheet HTML 4Page - Rohm BD2226G Datasheet HTML 5Page - Rohm BD2226G Datasheet HTML 6Page - Rohm BD2226G Datasheet HTML 7Page - Rohm BD2226G Datasheet HTML 8Page - Rohm BD2226G Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
BD2226G
BD2227G
Datasheet
Block Diagram
Pin Configurations
Pin Description
Pin No.
Symbol
I/O
Function
1
IN
-
Input switch and the supply voltage for the IC
2
GND
-
Ground
3
EN, /EN
I
Enable input
EN: High level input turns on the switch (BD2226G)
/EN: Low level input turns on the switch (BD2227G)
4
/OC
O
Over-current notification terminal
Low level output during over-current or over-temperature condition
Open-drain fault flag output
5
OUT
O
Output switch
Under-Voltage
Lockout
Charge
Pump
EN(/EN)
Delay
Counter
Over-Current
Detection
Thermal
Shutdown
IN
/OC
GND
OUT
BD2226G
TOP VIEW
IN
GND
EN
1
2
3
4
5
/OC
OUT
BD2227G
TOP VIEW
IN
GND
/EN
1
2
3
4
5
/OC
OUT
2/22
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300210-1-2
21.Aug.2014 Rev.002


유사한 부품 번호 - BD2226G

제조업체부품명데이터시트상세설명
logo
Rohm
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LBTR ROHM-BD2226G-LBTR Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results

유사한 설명 - BD2226G

제조업체부품명데이터시트상세설명
logo
Rohm
BD2240G ROHM-BD2240G_14 Datasheet
1,006Kb / 27P
   1.0A Current Limit High Side Switch ICs
BD2041AFJ ROHM-BD2041AFJ_14 Datasheet
1Mb / 26P
   1.0A Current Limit High Side Switch ICs
BD2051AFJ-E2 ROHM-BD2051AFJ-E2 Datasheet
682Kb / 25P
   1.0A Current Limit High Side Switch ICs
BD82028FVJ ROHM-BD82028FVJ Datasheet
683Kb / 24P
   1.0A Current Limit High Side Switch ICs
BD82029FVJ ROHM-BD82029FVJ Datasheet
667Kb / 24P
   1.0A Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com