전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD2270HFV 데이터시트(PDF) 10 Page - Rohm

부품명 BD2270HFV
상세설명  Controller ICs for High Side NMOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD2270HFV 데이터시트(HTML) 10 Page - Rohm

Back Button BD2270HFV_14 Datasheet HTML 6Page - Rohm BD2270HFV_14 Datasheet HTML 7Page - Rohm BD2270HFV_14 Datasheet HTML 8Page - Rohm BD2270HFV_14 Datasheet HTML 9Page - Rohm BD2270HFV_14 Datasheet HTML 10Page - Rohm BD2270HFV_14 Datasheet HTML 11Page - Rohm BD2270HFV_14 Datasheet HTML 12Page - Rohm BD2270HFV_14 Datasheet HTML 13Page - Rohm BD2270HFV_14 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
BD2270HFV
Datasheet
Typical Wave Forms - continued
Figure 29. Switch Rise / Fall Characteristics Measurement Circuit Diagram
VAEN
(5V/div)
(2V/div)
VCC=3.0V
RTF025N03
VGATE
VOUT_SWITCH
Time (5μs/div)
Figure 25. GATE Switch Fall
Characteristics
Time (20ms/div)
Figure 26. GATE Switch Fall
Characteristics
VAEN
(5V/div)
(2V/div)
VCC=3.0V
RTF025N03
VGATE
CL = 100μF
VOUT_SWITCH
Time (100μs/div)
Figure 27. GATE Switch Rise
Characteristics
VAEN
(5V/div)
(2V/div)
VCC=3.0V
RSS130N03
VGATE
VOUT_SWITCH
Time (10μs/div)
Figure 28. GATE Switch Fall
Characteristics
VAEN
(5V/div)
(2V/div)
VCC=3.0V
RSS130N03
VGATE
VOUT_SWITCH
BD2270HFV
VCC
DISC
GND
GATE
AEN
3.3V
ON/OFF
V
IN_SWITCH
V
OUT_SWITCH
1µF
CL
MOSFET : RTF025N03
RSS130N03
10/18
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0E3E0H300230-1-2
21.Aug.2014 Rev.003


유사한 부품 번호 - BD2270HFV_14

제조업체부품명데이터시트상세설명
logo
Rohm
BD2270HFV ROHM-BD2270HFV_11 Datasheet
292Kb / 13P
   Controller ICs for High Side NMOSFET
More results

유사한 설명 - BD2270HFV_14

제조업체부품명데이터시트상세설명
logo
Rohm
BD2270HFV ROHM-BD2270HFV_11 Datasheet
292Kb / 13P
   Controller ICs for High Side NMOSFET
BD2270HFV-LB ROHM-BD2270HFV-LB Datasheet
547Kb / 21P
   Controller ICs for High Side NMOSFET
BD2061AFJ ROHM-BD2061AFJ_13 Datasheet
488Kb / 25P
   High Side Switch ICs
logo
Sanken electric
SPF5017 SANKEN-SPF5017 Datasheet
48Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004 Datasheet
45Kb / 1P
   High-side Power Switch ICs
SPF5004 SANKEN-SPF5004_06 Datasheet
44Kb / 1P
   High-side Power Switch ICs
SPF5007 SANKEN-SPF5007 Datasheet
46Kb / 1P
   High-side Power Switch ICs
SPF5018 SANKEN-SPF5018 Datasheet
47Kb / 1P
   High-side Power Switch ICs
logo
Rohm
BD6516F-E2 ROHM-BD6516F-E2 Datasheet
716Kb / 41P
   High Side Switch ICs 2ch
logo
Sanken electric
SPF5003 SANKEN-SPF5003_06 Datasheet
45Kb / 1P
   High-side Power Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com