전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS80C51RA2-VIER 데이터시트(PDF) 1 Page - ATMEL Corporation

부품명 TS80C51RA2-VIER
상세설명  High Performance 8-bit Microcontrollers
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TS80C51RA2-VIER 데이터시트(HTML) 1 Page - ATMEL Corporation

  TS80C51RA2-VIER Datasheet HTML 1Page - ATMEL Corporation TS80C51RA2-VIER Datasheet HTML 2Page - ATMEL Corporation TS80C51RA2-VIER Datasheet HTML 3Page - ATMEL Corporation TS80C51RA2-VIER Datasheet HTML 4Page - ATMEL Corporation TS80C51RA2-VIER Datasheet HTML 5Page - ATMEL Corporation TS80C51RA2-VIER Datasheet HTML 6Page - ATMEL Corporation TS80C51RA2-VIER Datasheet HTML 7Page - ATMEL Corporation TS80C51RA2-VIER Datasheet HTML 8Page - ATMEL Corporation TS80C51RA2-VIER Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 74 page
background image
Rev. C - 06 March, 2001
1
TS80C51RA2/RD2
TS83C51RB2/RC2/RD2
TS87C51RB2/RC2/RD2
High Performance 8-bit Microcontrollers
1. Description
Atmel Wireless & Microcontrollers TS80C51Rx2 is high
performance CMOS ROM, OTP, EPROM and ROMless
versions of the 80C51 CMOS single chip 8-bit
microcontroller.
The TS80C51Rx2 retains all features of the 80C51 with
extended ROM/EPROM capacity (16/32/64 Kbytes), 256
bytes of internal RAM, a 7-source , 4-level interrupt
system, an on-chip oscilator and three timer/counters.
In addition, the TS80C51Rx2 has a Programmable
Counter Array, an XRAM of 256 or 768 bytes, a
Hardware Watchdog Timer, a more versatile serial
channel that facilitates multiprocessor communication
(EUART) and a X2 speed improvement mechanism.
The fully static design of the TS80C51Rx2 allows to
reduce system power consumption by bringing the clock
frequency down to any value, even DC, without loss of
data.
The TS80C51Rx2 has 2 software-selectable modes of
reduced
activity
for
further
reduction
in
power
consumption. In the idle mode the CPU is frozen while
the timers, the serial port and the interrupt system are still
operating. In the power-down mode the RAM is saved
and all other functions are inoperative.
2. Features
80C52 Compatible
• 8051 pin and instruction compatible
• Four 8-bit I/O ports
• Three 16-bit timer/counters
• 256 bytes scratchpad RAM
High-Speed Architecture
• 40 MHz @ 5V, 30MHz @ 3V
• X2 Speed Improvement capability (6 clocks/
machine cycle)
30 MHz @ 5V, 20 MHz @ 3V (Equivalent to
60 MHz @ 5V, 40 MHz @ 3V)
Dual Data Pointer
On-chip ROM/EPROM (16K-bytes, 32K-bytes, 64K-
bytes)
On-chip eXpanded RAM (XRAM) (256 or 768 bytes)
Programmable Clock Out and Up/Down Timer/
Counter 2
Programmable Counter Array with
• High Speed Output,
• Compare / Capture,
• Pulse Width Modulator,
• Watchdog Timer Capabilities
Hardware Watchdog Timer (One-time enabled with
Reset-Out)
2 extra 8-bit I/O ports available on RD2 with high
pin count packages
Asynchronous port reset
Interrupt Structure with
• 7 Interrupt sources,
• 4 level priority interrupt system
Full duplex Enhanced UART
• Framing error detection
• Automatic address recognition
Low EMI (inhibit ALE)
Power Control modes
• Idle mode
• Power-down mode
• Power-off Flag
Once mode (On-chip Emulation)
Power supply: 4.5-5V, 2.7-5.5V
Temperature ranges: Commercial (0 to 70oC) and
Industrial (-40 to 85oC)
Packages: PDIL40, PLCC44, VQFP44 1.4, CQPJ44
(window), CDIL40 (window), PLCC68, VQFP64
1.4, JLCC68 (window)


유사한 부품 번호 - TS80C51RA2-VIER

제조업체부품명데이터시트상세설명
logo
International Rectifier
TS80C51RA2-VIE IRF-TS80C51RA2-VIE Datasheet
805Kb / 85P
   High Performance 8-bit Microcontroller
logo
ATMEL Corporation
TS80C51RA2-VIE ATMEL-TS80C51RA2-VIE Datasheet
1Mb / 83P
   High Performance 8-bit Microcontroller
TS80C51RA2-VIE ATMEL-TS80C51RA2-VIE Datasheet
995Kb / 86P
   High Performance 8-bit Microcontroller
More results

유사한 설명 - TS80C51RA2-VIER

제조업체부품명데이터시트상세설명
logo
Zilog, Inc.
Z8F0821HH020SC ZILOG-Z8F0821HH020SC Datasheet
227Kb / 12P
   High Performance 8-Bit Microcontrollers
Z8F0423SB005SG ZILOG-Z8F0423SB005SG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F1680AN020SG ZILOG-Z8F1680AN020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
Z8F0113HJ005EG ZILOG-Z8F0113HJ005EG Datasheet
14Mb / 245P
   High-Performance 8-Bit Microcontrollers
Z8F0830HH020SG ZILOG-Z8F0830HH020SG Datasheet
1Mb / 257P
   High-Performance 8-Bit Microcontrollers
Z8X1621 ZILOG-Z8X1621 Datasheet
2Mb / 307P
   High Performance 8-Bit Microcontrollers
Z8F042ASJ020EG2156 ZILOG-Z8F042ASJ020EG2156 Datasheet
1Mb / 280P
   High-Performance 8-Bit Microcontrollers
Z8F082ASJ020EG ZILOG-Z8F082ASJ020EG Datasheet
1Mb / 282P
   High-Performance 8-Bit Microcontrollers
Z8F4822AR020SG ZILOG-Z8F4822AR020SG Datasheet
1Mb / 323P
   High Performance 8-Bit Microcontrollers
Z8F1680SH020SG ZILOG-Z8F1680SH020SG Datasheet
2Mb / 412P
   High-Performance 8-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com