전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC100LVEP05 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 MC100LVEP05
상세설명  2.5V / 3.3V ECL 2-Input Differential AND/NAND
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP05 데이터시트(HTML) 1 Page - ON Semiconductor

  MC100LVEP05_09 Datasheet HTML 1Page - ON Semiconductor MC100LVEP05_09 Datasheet HTML 2Page - ON Semiconductor MC100LVEP05_09 Datasheet HTML 3Page - ON Semiconductor MC100LVEP05_09 Datasheet HTML 4Page - ON Semiconductor MC100LVEP05_09 Datasheet HTML 5Page - ON Semiconductor MC100LVEP05_09 Datasheet HTML 6Page - ON Semiconductor MC100LVEP05_09 Datasheet HTML 7Page - ON Semiconductor MC100LVEP05_09 Datasheet HTML 8Page - ON Semiconductor MC100LVEP05_09 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2009
October, 2009 − Rev. 2
1
Publication Order Number:
MC100LVEP05/D
MC100LVEP05
2.5V / 3.3V ECL 2-Input
Differential AND/NAND
Description
The MC100LVEP05 is a 2−input differential AND/NAND gate.
The MC100LVEP05 is the low voltage version of the MC100EP05
and is functionally equivalent to the EL05 and LVEL05 devices. With
AC performance much faster than the LVEL05 device, the
MC100LVEP05 is ideal for low voltage applications requiring the
fastest AC performance available.
The 100 Series contains temperature compensation.
Features
220 ps Typical Propagation Delay
Input Clock Frequency > 3 GHz
0.2 ps Typical RMS Random Clock Period Jitter
LVPECL Mode Operating Range: VCC = 2.375 V to 3.6 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −2.375 V to −3.6 V
Open Input Default State
Q Output Will Default LOW with Inputs Open
These are Pb−Free Devices*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Y = Year
W = Work Week
G = Pb−Free Package
K = MC100
M = Date Code
A = Assembly Location
L = Wafer Lot
MARKING DIAGRAMS*
TSSOP−8
DT SUFFIX
CASE 948R
ALYWG
G
KU05
1
8
1
8
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION
DFN8
MN SUFFIX
CASE 506AA
4
(Note: Microdot may be in either location)
6N MG
G
1
1
8
KVP05
AYWWG
G
1
8
SOIC−8
D SUFFIX
CASE 751


유사한 부품 번호 - MC100LVEP05_09

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100LVEP05DTG ONSEMI-MC100LVEP05DTG Datasheet
104Kb / 9P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC100LVEP05DTR2G ONSEMI-MC100LVEP05DTR2G Datasheet
104Kb / 9P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC100LVEP05MNTXG ONSEMI-MC100LVEP05MNTXG Datasheet
104Kb / 9P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
More results

유사한 설명 - MC100LVEP05_09

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC100LVEP05 ONSEMI-MC100LVEP05 Datasheet
104Kb / 9P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC100EP05 ONSEMI-MC100EP05 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC100EP105 ONSEMI-MC100EP105 Datasheet
81Kb / 8P
   3.3V / 5V ECL Quad 2-Input Differential AND/NAND
September, 2002 ??Rev. 8
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC10EP05 ONSEMI-MC10EP05_06 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10EP105 ONSEMI-MC10EP105_06 Datasheet
160Kb / 11P
   3.3V / 5V ECL Quad 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 11
MC10EP05 ONSEMI-MC10EP05_16 Datasheet
190Kb / 11P
   ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 10
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com