전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMB5930B 데이터시트(PDF) 2 Page - Dc Components

부품명 SMB5930B
상세설명  RECTIFIER SPECIALISTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DCCOM [Dc Components]
홈페이지  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMB5930B 데이터시트(HTML) 2 Page - Dc Components

  SMB5930B Datasheet HTML 1Page - Dc Components SMB5930B Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
R
DC COMPONENTS CO., LTD.
VZ, Zener Voltage(V)
Fig. 3 - VZ=12 Thru 82 Volts
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
10 20 30 40 50 60
80 90
VZ, Zener Voltage(V)
Fig. 4 - VZ=100 Thru 200 Volts
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
100
120
140
160
180
200
70
100
RATING AND CHARACTERISTIC CURVES (SMB5920B THRU SMB5956B)
NOTE: Standard Zener Voltage Tolerance ± 5%
SMB5920B
6.2
60.5
2.0
200
1.00
5.0
4.0
241.0
SMB5921B
6.8
55.1
2.5
200
1.00
5.0
5.2
220.0
SMB5922B
7.5
50.0
3.0
400
0.50
5.0
6.0
200.0
SMB5923B
8.2
45.7
3.5
400
0.50
5.0
6.5
182.0
SMB5924B
9.1
41.2
4.0
500
0.50
5.0
7.0
164.0
SMB5925B
10.0
37.5
4.5
500
0.25
5.0
8.0
150.0
SMB5926B
11.0
34.1
5.5
550
0.25
1.0
8.4
136.0
SMB5927B
12.0
31.2
6.5
550
0.25
1.0
9.1
125.0
SMB5928B
13.0
28.8
7.0
550
0.25
1.0
9.9
115.0
SMB5929B
15.0
25.0
9.0
600
0.25
1.0
11.4
100.0
SMB5930B
16.0
23.4
10.0
600
0.25
1.0
12.2
93.0
SMB5931B
18.0
20.8
12.0
650
0.25
1.0
13.7
83.0
SMB5932B
20.0
18.7
14.0
650
0.25
1.0
15.2
75.0
SMB5933B
22.0
17.0
17.5
650
0.25
1.0
16.7
68.0
SMB5934B
24.0
15.6
19.0
700
0.25
1.0
18.2
62.0
SMB5935B
27.0
13.9
23.0
700
0.25
1.0
20.6
55.0
SMB5936B
30.0
12.5
26.0
750
0.25
1.0
22.8
50.0
SMB5937B
33.0
11.4
33.0
800
0.25
1.0
25.1
45.0
SMB5938B
36.0
10.4
38.0
850
0.25
1.0
27.4
41.0
SMB5939B
39.0
9.6
45.0
900
0.25
1.0
29.7
38.0
SMB5940B
43.0
8.7
53.0
950
0.25
1.0
32.7
34.0
SMB5941B
47.0
8.0
67.0
1000
0.25
1.0
35.8
31.0
SMB5942B
51.0
7.3
70.0
1100
0.25
1.0
38.8
29.0
SMB5943B
56.0
6.7
86.0
1300
0.25
1.0
42.6
26.0
SMB5944B
62.0
6.0
100.0
1500
0.25
1.0
47.1
24.0
SMB5945B
68.0
5.5
120.0
1700
0.25
1.0
51.7
22.0
SMB5946B
75.0
5.0
140.0
2000
0.25
1.0
56.0
20.0
SMB5947B
82.0
4.6
160.0
2500
0.25
1.0
62.2
18.0
SMB5948B
91.0
4.1
200.0
3000
0.25
1.0
69.2
16.0
SMB5949B
100.0
3.7
250.0
3100
0.25
1.0
76.0
15.0
SMB5950B
110.0
3.4
300.0
4000
0.25
1.0
83.6
13.0
SMB5951B
120.0
3.1
380.0
4500
0.25
1.0
91.2
12.0
SMB5952B
130.0
2.9
450.0
5000
0.25
1.0
98.8
11.0
SMB5953B
150.0
2.5
600.0
6000
0.25
1.0
114.0
10.0
SMB5954B
160.0
2.3
700.0
6500
0.25
1.0
121.6
9.0
SMB5955B
180.0
2.1
900.0
7000
0.25
1.0
136.8
8.0
SMB5956B
200.0
1.9
1900.0
9990
0.25
1.0
152.0
7.0
Nominal
Zener
Voltage
VZ@IZT
Zener
Test
Current
IZT
mA
Maximum Zener
Impedance
ZZT@IZT ZZK@IZK
Ohms
Ohms
IZK
mA
Maximum Reverse
Leakage Current
IR
@VR
µA
Volts
Maximum
Regulator
Current
IZM
mA
TYPE
www.dccomponents.com
2
REV-1,FEBRUARY,2015


유사한 부품 번호 - SMB5930B

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMB5930B SECOS-SMB5930B Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
PACELEADER INDUSTRIAL
SMB5930B PACELEADER-SMB5930B Datasheet
381Kb / 2P
   SURFACE MOUNT ZENER TYPE
logo
SeCoS Halbleitertechnol...
SMB5930B SECOS-SMB5930B Datasheet
238Kb / 3P
   VOLTAGE 6.2 V ~ 200 V 1.5 Watts Surface Mount Zener Diode
logo
Weitron Technology
SMB5930B WEITRON-SMB5930B Datasheet
81Kb / 2P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB5930B SECOS-SMB5930B Datasheet
238Kb / 3P
   1.5 Watts Surface Mount Zener Diode
More results

유사한 설명 - SMB5930B

제조업체부품명데이터시트상세설명
logo
Yea Shin Technology Co....
RS1A YEASHIN-RS1A Datasheet
208Kb / 2P
   RECTIFIER SPECIALISTS
logo
Dc Components
1EZ6.2 DCCOM-1EZ6.2 Datasheet
44Kb / 3P
   RECTIFIER SPECIALISTS
MBK22F DCCOM-MBK22F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05F DCCOM-MB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
SMB2EZ6.2 DCCOM-SMB2EZ6.2 Datasheet
55Kb / 2P
   RECTIFIER SPECIALISTS
SPA2040 DCCOM-SPA2040 Datasheet
72Kb / 2P
   RECTIFIER SPECIALISTS
SQ1530 DCCOM-SQ1530 Datasheet
44Kb / 2P
   RECTIFIER SPECIALISTS
SS52F DCCOM-SS52F Datasheet
82Kb / 2P
   RECTIFIER SPECIALISTS
DZL4728A DCCOM-DZL4728A Datasheet
31Kb / 2P
   RECTIFIER SPECIALISTS
FMB05F DCCOM-FMB05F Datasheet
38Kb / 2P
   RECTIFIER SPECIALISTS
MB05S DCCOM-MB05S Datasheet
37Kb / 2P
   RECTIFIER SPECIALISTS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com